Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25C080A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S25C080A
Description  105C OPERATION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C080A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S25C080A Datasheet HTML 2Page - Seiko Instruments Inc S25C080A Datasheet HTML 3Page - Seiko Instruments Inc S25C080A Datasheet HTML 4Page - Seiko Instruments Inc S25C080A Datasheet HTML 5Page - Seiko Instruments Inc S25C080A Datasheet HTML 6Page - Seiko Instruments Inc S25C080A Datasheet HTML 7Page - Seiko Instruments Inc S25C080A Datasheet HTML 8Page - Seiko Instruments Inc S25C080A Datasheet HTML 9Page - Seiko Instruments Inc S25C080A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_00_C
Seiko Instruments Inc.
6
AC Electrical Characteristics
Table 11 Measurement Conditions
Input pulse voltage
0.2
× VCC to 0.8 × VCC
Output reference voltage
0.5
× VCC
Output load
100 pF
Table 12
Item
Symbol
Ta =
−40°C to +105°C
Unit
VCC = 2.5 V to 5.5 V
VCC = 3.0 V to 5.5 V
VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Min.
Max.
SCK clock frequency
fSCK
−
3.5
−
5.0
−
6.5
MHz
CS setup time during CS
falling
tCSS.CL
90
−
90
−
65
−
ns
CS setup time during CS
rising
tCSS.CH
90
−
90
−
65
−
ns
CS deselect time
tCDS
160
−
140
−
110
−
ns
CS hold time during CS falling
tCSH.CL
90
−
90
−
65
−
ns
CS hold time during CS rising
tCSH.CH
90
−
90
−
65
−
ns
SCK clock time “H”
*1
tHIGH
125
−
95
−
65
−
ns
SCK clock time “L”
*1
tLOW
125
−
95
−
65
−
ns
Rising time of SCK clock
*2
tRSK
−
1
−
1
−
1
μs
Falling time of SCK clock
*2
tFSK
−
1
−
1
−
1
μs
SI data input setup time
tDS
20
−
20
−
20
−
ns
SI data input hold time
tDH
30
−
30
−
30
−
ns
SCK “L” hold time
during HOLD rising
tSKH.HH
70
−
70
−
45
−
ns
SCL “L” hold time
during HOLD falling
tSKH.HL
40
−
40
−
30
−
ns
SCK “L” setup time
during HOLD falling
tSKS.HL
0
−
0
−
0
−
ns
SCK “L” setup time
during HOLD rising
tSKS.HH
0
−
0
−
0
−
ns
Disable time of SO output
*2
tOZ
−
100
−
100
−
75
ns
Delay time of SO output
tOD
−
120
−
90
−
60
ns
Hold time of SO output
tOH
0
−
0
−
0
−
ns
Rising time of SO output
*2
tRO
−
80
−
70
−
50
ns
Falling time of SO output
*2
tFO
−
80
−
70
−
50
ns
Disable time of SO output
during HOLD falling
*2
tOZ.HL
−
100
−
100
−
75
ns
Delay time of SO output
during HOLD rising
*2
tOD.HH
−
80
−
80
−
60
ns
WP
setup time
tWS1
0
−
0
−
0
−
ns
WP
hold time
tWH1
0
−
0
−
0
−
ns
WP release / setup time
tWS2
0
−
0
−
0
−
ns
WP
release / hold time
tWH2
150
−
150
−
100
−
ns
*1. The clock cycle of the SCK clock (frequency fSCK) is 1/fSCK
μs. This clock cycle is determined by a combination of
several AC characteristics. Note that the clock cycle cannot be set as (1/fSCK) = tLOW (Min.) + tHIGH (Min.) by minimizing
the SCK clock cycle time.
*2. These are values of sample and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com