Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5865E/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5865E/D
Description  Ultra-Low-Power, High-Dynamic- Performance, 40Msps Analog Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5865E/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5865E/D Datasheet HTML 1Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 2Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 3Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 4Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 5Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 6Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 7Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 8Page - Maxim Integrated Products MAX5865E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Ultra-Low-Power, High-Dynamic-
Performance, 40Msps Analog Front End
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 40MHz, ADC input amplitude = -0.5dBFS,
DAC output amplitude = 0dBFS, differential ADC input, differential DAC output, CREFP = CREFN = CCOM = 0.33µF, Xcvr mode, unless
otherwise noted. Typical values are at TA = +25
°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC DC ACCURACY
Resolution
8
Bits
Integral Nonlinearity
INL
±0.15
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±0.15
LSB
Offset Error
Residual DC offset error
±0.22
±5
%FS
Gain Error
Includes reference error
±0.48
±5
%FS
DC Gain Matching
±0.03
±0.25
dB
Offset Matching
±3
LSB
Gain Temperature Coefficient
±42
ppm/
°C
Offset error (VDD
±5%)
±0.2
Power-Supply Rejection
PSRR
Gain error (VDD
±5%)
±0.07
LSB
ADC ANALOG INPUT
Input Differential Range
VID
Differential or single-ended inputs
±0.512
V
Input Common-Mode Voltage
Range
VDD / 2
V
RIN
Switched capacitor load
120
k
Ω
Input Impedance
CIN
5pF
ADC CONVERSION RATE
Maximum Clock Frequency
fCLK
(Note 2)
40
MHz
Channel I
5
Data Latency
Channel Q
5.5
Clock
cycles
ADC DYNAMIC CHARACTERISTICS (Note 3)
fIN = 5.5MHz
47
48.5
Signal-to-Noise Ratio
SNR
fIN = 20MHz
48.2
dB
fIN = 5.5MHz
46.5
48.4
Signal-to-Noise and Distortion
Ratio
SINAD
fIN = 20MHz
48.2
dB
fIN = 5.5MHz
58
70
Spurious-Free Dynamic Range
SFDR
fIN = 20MHz
70
dBc
fIN = 5.5MHz
-75.4
Third-Harmonic Distortion
HD3
fIN = 20MHz
-75
dBc
Intermodulation Distortion
IMD
f1 = 2MHz, -7dBFS; f2 = 2.01MHz, -7dBFS
-66
dBc
Third-Order Intermodulation
Distortion
IM3
f1 = 2MHz, -7dBFS; f2 = 2.01MHz, -7dBFS
-70
dBc
fIN = 5.5MHz
-71
-57
Total Harmonic Distortion
THD
fIN = 20MHz
-70
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com