Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCF371 Datasheet(PDF) 13 Page - International Rectifier

Part # IRMCF371
Description  Sensorless Motor Control IC for Appliances
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF371 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRMCF371 Datasheet HTML 9Page - International Rectifier IRMCF371 Datasheet HTML 10Page - International Rectifier IRMCF371 Datasheet HTML 11Page - International Rectifier IRMCF371 Datasheet HTML 12Page - International Rectifier IRMCF371 Datasheet HTML 13Page - International Rectifier IRMCF371 Datasheet HTML 14Page - International Rectifier IRMCF371 Datasheet HTML 15Page - International Rectifier IRMCF371 Datasheet HTML 16Page - International Rectifier IRMCF371 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
IRMCF371
13
6.3
Digital I/O DC Characteristics
Symbol
Parameter
Min
Typ
Max
Condition
VDD1
Supply Voltage
3.0 V
3.3 V
3.6 V
Recommended
VDD2
Supply Voltage
1.62 V
1.8 V
1.98 V
Recommended
VIL
Input Low Voltage
-0.3 V
-
0.8 V
Recommended
VIH
Input High Voltage
2.0 V
3.6 V
Recommended
CIN
Input capacitance
-
3.6 pF
-
(1)
IL
Input leakage current
±10 nA
±1 μA
VO = 3.3 V or 0 V
IOL1
(2)
Low level output
current
8.9 mA
13.2 mA
15.2 mA
VOL = 0.4 V
(1)
IOH1
(2)
High level output
current
12.4 mA
24.8 mA
38 mA
VOH = 2.4 V
(1)
IOL2
(3)
Low level output
current
17.9 mA
26.3 mA
33.4 mA
VOL = 0.4 V
(1)
IOH2
(3)
High level output
current
24.6 mA
49.5 mA
81 mA
VOH = 2.4 V
(1)
Table 3.
Digital I/O DC Characteristics
Note:
(1) Data guaranteed by design.
(2) Applied to SCL/SO-SI, SDA/CS0 pins.
(3) Applied to P1.0/T2, P1.1/RXD, P1.2/TXD, P1.3/SYNC/SCK, P1.4/CAP, P2.0/NMI, P2.1,
P2.6/AOPWM0, P3.0/INT2/CS1, P3.2/INT0, P5.1/TMS, P5.2/TDO, P5.3/TDI, GATEKILL,
PWMUL, PWMUH, PWMVL, PWMVH, PWMWL, PWMWH pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com