Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S93C76A Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S93C76A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93C76A Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S93C76A Datasheet HTML 9Page - Seiko Instruments Inc S93C76A Datasheet HTML 10Page - Seiko Instruments Inc S93C76A Datasheet HTML 11Page - Seiko Instruments Inc S93C76A Datasheet HTML 12Page - Seiko Instruments Inc S93C76A Datasheet HTML 13Page - Seiko Instruments Inc S93C76A Datasheet HTML 14Page - Seiko Instruments Inc S93C76A Datasheet HTML 15Page - Seiko Instruments Inc S93C76A Datasheet HTML 16Page - Seiko Instruments Inc S93C76A Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
Rev.3.1_00
S-93C76A H Series
Seiko Instruments Inc.
13
3. Write enable (EWEN) and write disable (EWDS)
The EWEN instruction is used to enable a write operation. The status in which a write operation is enabled is
called the program-enabled mode.
The EWDS instruction is used to disable a write operation. The status in which a write operation is disabled is
called the program-disabled mode.
The write operation is disabled upon power application and detection of a low supply voltage. To prevent an
unexpected write operation due to external noise or a CPU malfunctions, it should be kept in write disable mode
except when performing write operations, after power-on and before shutdown.
<1>
2
3
4
5
6
7
8
9
10
11
12
13
DI
SK
CS
11 = EWEN
00 = EWDS
Standby
1
8Xs
0
0
Figure 11 Write Enable/Disable Timing
Start Bit
A start bit is recognized by latching the high level of DI at the rising edge of SK after changing CS to high (start bit
recognition). A write operation begins by inputting the write instruction and setting CS to low. Subsequently, by setting
CS to high again, the DO pin outputs a low level if the write operation is still in progress and a high level if the write
operation is complete (verify operation). Therefore, only after a write operation, in order to input the next command, CS
is set to high, which switches the DO pin from a high-impedance state (High-Z) to a data output state. However, if start
bit is recognized, the DO pin returns to the high-impedance state (refer to Figure 5 Timing Chart).
Make sure that data output from the CPU does not interfere with the data output from the serial memory IC when
configuring a 3 -wire interface by connecting the DI input pin and DO output pin, as such interference may cause a start
bit fetch problem. Take the measures described in “ 3-Wire Interface (Direct Connection between DI and DO)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com