Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1004 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1004
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1004 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1004 Datasheet HTML 1Page - Seiko Instruments Inc S1004 Datasheet HTML 2Page - Seiko Instruments Inc S1004 Datasheet HTML 3Page - Seiko Instruments Inc S1004 Datasheet HTML 4Page - Seiko Instruments Inc S1004 Datasheet HTML 5Page - Seiko Instruments Inc S1004 Datasheet HTML 6Page - Seiko Instruments Inc S1004 Datasheet HTML 7Page - Seiko Instruments Inc S1004 Datasheet HTML 8Page - Seiko Instruments Inc S1004 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
S-1004 Series
www.sii-ic.com
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
VOLTAGE DETECTOR WITH SENSE PIN
© Seiko Instruments Inc., 2014
Rev.2.1_00
Seiko Instruments Inc.
1
The S-1004 Series is a high-accuracy voltage detector developed using CMOS technology. The detection voltage is fixed
internally with an accuracy of
±1.0% (−VDET(S) ≥ 2.2 V). It operates with current consumption of 500 nA typ.
Apart from the power supply pin, the detection voltage input pin (SENSE pin) is also prepared, so the output is stable even
if the SENSE pin falls to 0 V.
The release signal can be delayed by setting a capacitor externally, and the release delay time accuracy at Ta =
+25°C is
±15%.
Two output forms Nch open-drain output and CMOS output are available.
Features
• Detection voltage:
1.0 V to 5.0 V (0.1 V step)
• Detection voltage accuracy:
±1.0% (2.2 V ≤ −VDET(S) ≤ 5.0 V)
±22 mV (1.0 V ≤ −VDET(S) < 2.2 V)
• Current consumption:
500 nA typ.
• Operation voltage range:
0.95 V to 10.0 V
• Hysteresis width:
5%
± 2%
• Release delay time accuracy:
±15% (CD = 4.7 nF, Ta = +25°C)
• Output form:
Nch open-drain output (Active "L")
CMOS output (Active "L")
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
Applications
• Power supply monitor for microcomputer and reset for CPU
• Constant voltage power supply monitor for TV, Blu-ray recorder and home appliance
• Power supply monitor for portable devices such as notebook PC, digital still camera and mobile phone
Packages
• SOT-23-5
• SNT-6A


Similar Part No. - S1004

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S10040140P1 RFMD-S10040140P1 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040140P1 QORVO-S10040140P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 14dB
logo
RF Micro Devices
S10040180P1 RFMD-S10040180P1 Datasheet
264Kb / 3P
GaAs Push Pull Hybrid 40MHz to 1000MHz
logo
Qorvo, Inc
S10040180P1 QORVO-S10040180P1 Datasheet
346Kb / 4P
CATV Push Pull Hybrid 1000MHz 18dB
logo
PREMIER DEVICES, INC.
S10040200P PDI-S10040200P Datasheet
160Kb / 4P
GaAs Push Pull Hybrid 40 - 1000MHz 20dB min. Gain @ 1000MHz 260mA max. @ 24VDC
More results

Similar Description - S1004

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1003 SII-S1003 Datasheet
681Kb / 42P
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S1011 SII-S1011 Datasheet
2Mb / 43P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S19104 SII-S19104 Datasheet
2Mb / 40P
FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19105 SII-S19105 Datasheet
2Mb / 37P
FOR AUTOMOTIVE 105C OPERATION BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com