Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1410 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1410
Description  LOW CURRENT CONSUMPTION WATCHDOG TIMER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1410 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1410 Datasheet HTML 9Page - Seiko Instruments Inc S1410 Datasheet HTML 10Page - Seiko Instruments Inc S1410 Datasheet HTML 11Page - Seiko Instruments Inc S1410 Datasheet HTML 12Page - Seiko Instruments Inc S1410 Datasheet HTML 13Page - Seiko Instruments Inc S1410 Datasheet HTML 14Page - Seiko Instruments Inc S1410 Datasheet HTML 15Page - Seiko Instruments Inc S1410 Datasheet HTML 16Page - Seiko Instruments Inc S1410 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.1.0_01
S-1410/1411 Series
Seiko Instruments Inc.
13
Operation
1. From power-on to reset release
The S-1410/1411 Series initiates the initialization if the VDD pin voltage exceeds the release voltage (
+VDET).
The charge-discharge operation to the CPOR pin is initiated after the passage of the initialization time (tINIT), and
the WDO
________
pin output and the RST
_______
pin output change from "L" to "H" after the operation is performed 4 times.
tINIT
tRST
+VDET
VCPU
VCPL
Output "L" → "H"
Output "L" → "H"
VDD
CPOR
WDO
RST
(S-1411 only)
Remark VCPU: CPOR charge upper limit threshold (1.35 V typ.)
VCPL: CPOR charge lower limit threshold (0.20 V typ.)
Figure 21
tINIT changes according to the power supply rising time. Refer to Figure 22 for the relation between tINIT and the
power supply rising time.
0.000001 0.00001 0.0001
0.001
0.01
0.1
Power supply rising time [s]
0.1
0.01
0.001
0.0001
Figure 22 Power Supply Rising Time Dependency of Initialization Time
VDD
CPOR
Initialization time*1
Power supply rising time
*1. The initialization time is the time period from when the VDD pin voltage reaches VDD / 2 to when CPOR rises.
Figure 23 Initialization Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com