Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5855A Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S5855A
Description  PWM OUTPUT TEMPERATURE SENSOR IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5855A Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S5855A Datasheet HTML 13Page - Seiko Instruments Inc S5855A Datasheet HTML 14Page - Seiko Instruments Inc S5855A Datasheet HTML 15Page - Seiko Instruments Inc S5855A Datasheet HTML 16Page - Seiko Instruments Inc S5855A Datasheet HTML 17Page - Seiko Instruments Inc S5855A Datasheet HTML 18Page - Seiko Instruments Inc S5855A Datasheet HTML 19Page - Seiko Instruments Inc S5855A Datasheet HTML 20Page - Seiko Instruments Inc S5855A Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
Rev.1.2_00
S-5855A Series
Seiko Instruments Inc.
17
Characteristics (Typical Data)
1.
Current consumption (IDD) vs. Power supply voltage (VDD)
1.0
2.0
50
55
45
40
35
30
20
25
3.0
4.0
5.0
6.0
VDD [V]
−40°C +
25
°C
+125°C
+65°C
2.
Output source current (ISOURCE) vs. Power supply voltage (VDD)
1
6.00
5.00
4.00
3.00
2.00
0.00
1.00
3
5
7
VDD [V]
−40°C
+25°C
+65°C
+125°C
3.
Output sink current (ISINK) vs. Power supply voltage (VDD)
1
12.00
10.00
8.00
6.00
4.00
0.00
2.00
3
5
7
VDD [V]
+125°C
+65°C
+25°C
−40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com