Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35046 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M35046
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35046 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M35046 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35046 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MITSUBISHI MICROCOMPUTERS
M35046-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
2
Symbol
CPOUT
VSS2
__
AC
__
CS
SCK
SIN
TCK
VDD1
P6
P7
VSS1
P0/BLNK0
P1/R
P2
P3/G
P4
P5/B
HOR
VERT
VDD2
Input/
Output
Output
Input
Input
Input
Input
Input
Output
Output
Output
Output
Output
Output
Output
Output
Input
Input
Function
Connect loop filter to this pin.
Connect to GND.
When “L”, this pin resets the internal IC circuit. Hysteresis input. Built-in pull-up resistor.
This is the chip select input pin, and when serial data transmission is being carried out, it
goes to “L”. Hysteresis input. Built-in pull-up resistor.
__
When CS pin is “L”, SIN serial data is taken in when SCK rises. Hysteresis input. Built-in
pull-up resistor.
This is the pin for serial input of data and addresses for the display control register and
the display data memory. Hysteresis input. Built-in pull-up resistor.
This is the pin for external clock input.
Please connect to +5V with the power pin.
This is the output port. Port data is set by PTD6.
This is the output port. Port data is set by PTD7.
Please connect to GND using circuit earthing pin.
This pin can be toggled between port pin output and BLNK0 signal output.
This pin can be toggled between port pin output and R signal output.
This is the output port. Port data is set by PTD2.
This pin can be toggled between port pin output and G signal output.
This is the output port. Port data is set by PTD4.
This pin can be toggled between port pin output and B signal output.
This pin inputs the horizontal synchronous signal. Hysteresis input.
This pin inputs the vertical synchronous signal. Hysteresis input.
Please connect to +5V with the power pin.
Pin name
Phase difference
Earthing pin
Auto-clear input
Chip select input
Serial clock input
Serial data input
External clock
Power pin
Port P6 output
Port P7 output
Earthing pin
Port P0 output
Port P1 output
Port P2 output
Port P3 output
Port P4 output
Port P5 output
Horizontal synchro-
nous signal input
Vertical synchro-
nous signal input
Power pin
Pin
Number
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
PIN DESCRIPTION
1.0k
1
0.01
µF
2
47pF
2
CPOUT
1 Use at 1% precision
2 Use at 10% precision
1pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com