Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX608C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX608C/D
Description  5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX608C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX608C/D Datasheet HTML 4Page - Maxim Integrated Products MAX608C/D Datasheet HTML 5Page - Maxim Integrated Products MAX608C/D Datasheet HTML 6Page - Maxim Integrated Products MAX608C/D Datasheet HTML 7Page - Maxim Integrated Products MAX608C/D Datasheet HTML 8Page - Maxim Integrated Products MAX608C/D Datasheet HTML 9Page - Maxim Integrated Products MAX608C/D Datasheet HTML 10Page - Maxim Integrated Products MAX608C/D Datasheet HTML 11Page - Maxim Integrated Products MAX608C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
current will ramp up to a high level before the current-lim-
it comparator can turn off the switch. The minimum on-time
for the switch (tON(min)) is approximately 2µs; select an
inductor that allows the current to ramp up to ILIM.
The standard operating circuits use a 22µH inductor.
If a different inductance value is desired, select L such
that:
VIN(max) x 2µs
L
≥ —————----—--
ILIM
Larger inductance values tend to increase the start-up
time slightly, while smaller inductance values allow the
coil current to ramp up to higher levels before the
switch turns off, increasing the ripple at light loads.
Inductors with a ferrite core or equivalent are recom-
mended; powder iron cores are not recommended for
use with high switching frequencies. Make sure the
inductor’s saturation current rating (the current at which
the core begins to saturate and the inductance starts to
fall) exceeds the peak current rating set by RSENSE.
However, it is generally acceptable to bias the inductor
into saturation by approximately 20% (the point where
the inductance is 20% below the nominal value). For
highest efficiency, use a coil with low DC resistance,
preferably under 20m
Ω. To minimize radiated noise,
use a toroid, a pot core, or a shielded coil.
Table 1 lists inductor suppliers and specific recom-
mended inductors.
5V or Adjustable, Low-Voltage,
Step-Up DC-DC Controller
_______________________________________________________________________________________
9
0
INPUT VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
23
4
5
RSENSE = 20mΩ
RSENSE = 25mΩ
RSENSE = 35mΩ
RSENSE = 100mΩ
RSENSE = 50mΩ
VOUT = 5V
L = 22
µH
0
INPUT VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
4
6
8
10
12
RSENSE = 100mΩ
RSENSE = 50mΩ
RSENSE = 20mΩ
RSENSE = 25mΩ
RSENSE = 35mΩ
VOUT = 12V
L = 22
µH
Figure 4b. Maximum Output Current vs. Input Voltage
(VOUT = 5V)
Figure 4c. Maximum Output Current vs. Input Voltage
(VOUT = 12V)
Figure 4d. Maximum Output Current vs. Input Voltage
(VOUT = 15V)
Figure 4a. Maximum Output Current vs. Input Voltage
(VOUT = 3.3V)
0
INPUT VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
4
6
8
10
12
14
16
RSENSE = 100mΩ
RSENSE = 50mΩ
VOUT = 15V
L = 22
µH
RSENSE = 20mΩ
RSENSE = 25mΩ
RSENSE = 35mΩ
0
2.0
INPUT VOLTAGE (V)
2.0
2.5
3.0
3.5
0.5
1.0
1.5
VOUT = 3.3V
L = 22
µH
RSENSE = 100mΩ
RSENSE = 50mΩ
RSENSE = 25mΩ
RSENSE = 35mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com