Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7340C Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7340C
Description  ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7340C Datasheet(HTML) 1 Page - Texas Instruments

  ISO7340C_15 Datasheet HTML 1Page - Texas Instruments ISO7340C_15 Datasheet HTML 2Page - Texas Instruments ISO7340C_15 Datasheet HTML 3Page - Texas Instruments ISO7340C_15 Datasheet HTML 4Page - Texas Instruments ISO7340C_15 Datasheet HTML 5Page - Texas Instruments ISO7340C_15 Datasheet HTML 6Page - Texas Instruments ISO7340C_15 Datasheet HTML 7Page - Texas Instruments ISO7340C_15 Datasheet HTML 8Page - Texas Instruments ISO7340C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6E – SEPTEMBER 2014 – REVISED APRIL 2015
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
1 Features
3 Description
ISO734x provide galvanic isolation up to 3000 VRMS
1
•
Signaling Rate: 25 Mbps
for 1 minute per UL and 4242 VPK per VDE. These
•
Integrated Noise Filter on the Inputs
devices have four isolated channels comprised of
•
Default Output 'High' and 'Low' Options
logic input and output buffers separated by a silicon
dioxide (SiO2) insulation barrier. ISO7340 has four
•
Low Power Consumption, Typical ICC per Channel
channels in forward direction, ISO7341 has three
at 1 Mbps:
forward and one reverse-direction channels; and
–
ISO7340: 0.9 mA (5 V Supplies),
ISO7342 has two forward and two reverse-direction
0.7 mA (3.3 V Supplies)
channels. In case of input power or signal loss,
–
ISO7341: 1.2 mA (5 V Supplies),
default output is 'low' for devices with suffix 'F' and
'high' for devices without suffix 'F'. See Device
0.9 mA (3.3 V Supplies)
Functional
Modes
for
further
details.
Used
in
–
ISO7342: 1.3 mA (5 V Supplies),
conjunction with isolated power supplies, these
0.9 mA (3.3 V Supplies)
devices prevent noise currents on a data bus or other
•
Low Propagation Delay: 31 ns
circuits from entering the local ground and interfering
Typical (5 V Supplies)
with or damaging sensitive circuitry. ISO734x has
integrated noise filter for harsh industrial environment
•
3.3 V and 5 V Level Translation
where short noise pulses may be present at the
•
Wide Temperature Range: –40°C to 125°C
device input pins. ISO734x has TTL input thresholds
•
70 KV/
μs Transient Immunity,
and operates from 3 V to 5.5 V supply levels.
Typical (5 V Supplies)
Through
innovative
chip
design
and
layout
techniques, electromagnetic compatibility of ISO734x
•
Robust Electromagnetic Compatibility (EMC)
has been significantly enhanced to enable system-
–
System-level ESD, EFT, and Surge Immunity
level ESD, EFT, Surge and Emissions compliance.
–
Low Emissions
•
Operates from 3.3 V and 5 V Supplies
Device Information(1)
ORDER NUMBER
PACKAGE
BODY SIZE
•
Wide Body SOIC-16 Package
ISO7340C
•
Safety and Regulatory Approvals:
ISO7340FC
–
4242 VPK Basic Isolation per DIN V VDE V
ISO7341C
0884-10 and DIN EN 61010-1
SOIC (16)
10.3mm x 7.50mm
ISO7341FC
–
3 KVRMS Isolation for 1 minute per UL 1577
ISO7342C
–
CSA Component Acceptance Notice 5A, IEC
ISO7342FC
60950-1 and IEC 61010-1 End Equipment
Standards
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
–
GB4943.1-2011 CQC Certification
Simplified Schematic
2 Applications
•
Optocoupler Replacement in:
–
Industrial Fieldbus
–
Profibus
–
Modbus
–
DeviceNetTM Data Buses
–
Servo Control Interface
(1)
VCCI and GNDI are supply and ground
–
Motor Control
connections
respectively
for
the
input
–
Power Supplies
channels.
–
Battery Packs
(2)
VCCO and GNDO are supply and ground
connections respectively for the output.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7340C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7340CDW TI1-ISO7340CDW Datasheet
1Mb / 37P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7340CDW TI2-ISO7340CDW Datasheet
855Kb / 38P
ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
REVISED JANUARY 2017
ISO7340CDW.A TI2-ISO7340CDW.A Datasheet
855Kb / 38P
ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
REVISED JANUARY 2017
ISO7340CDW.B TI2-ISO7340CDW.B Datasheet
855Kb / 38P
ISO734x Robust EMC, Low-Power, Quad-Channel Digital Isolators
REVISED JANUARY 2017
ISO7340CDWR TI1-ISO7340CDWR Datasheet
1Mb / 37P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
More results

Similar Description - ISO7340C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7340-Q1 TI-ISO7340-Q1_15 Datasheet
569Kb / 29P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7342FC TI-ISO7342FC_15 Datasheet
1Mb / 34P
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7340-Q1 TI-ISO7340-Q1 Datasheet
1Mb / 33P
ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7340-Q1 TI1-ISO7340-Q1_16 Datasheet
1Mb / 35P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com