Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51494L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 51494L-S16-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

51494L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  51494L-S16-R Datasheet HTML 1Page - Unisonic Technologies 51494L-S16-R Datasheet HTML 2Page - Unisonic Technologies 51494L-S16-R Datasheet HTML 3Page - Unisonic Technologies 51494L-S16-R Datasheet HTML 4Page - Unisonic Technologies 51494L-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
51494
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R103-005.Ba
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, all is over operating free-air temperature Range)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
42
V
Voltage from any pin to ground (except pin8 & pin11)
VIN
VCC +0.3
V
Collector Output Voltage
VC1, VC2
42
V
Peak Collector Output
IC1, IC2
250
mA
Power Dissipation
PD
1500
mW
Operating Temperature
TOPR
0 ~ +70
Storage Temperature
TSTG
-40 ~ +150
Junction Temperature
TJ
125
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, T
A=0~70℃, VCC=15V, f=10kHz)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE SECTION
Reference Voltage
VREF
IREF =1.0mA
4.75
5
5.25
V
Line Regulation
VLINE
7V<VCC<40V
2
25
mV
Load Regulation
VILOAD
1mA<IREF<5mA
1
15
mV
Temperature Coefficient
0℃ <FA<70℃
0.01
0.03
%/℃
OSCILLATOR SECTION
Oscillator Frequency
FOSC
CT=0.01μF, RT=12kΩ
10
kHz
Oscillator Frequency Change Over
Operating Temperature Range
Δf
OSC
CT=0.01μF, RT=12kΩ
2
%
DEAD TIME CONTROL SECTION
Input Bias Current
( Pin 4)
IIB(DT)
VCC =15V, 0V<V4<5.25V
-2
-10
μA
Maximum Duty Cycle, Each Output
DC(MAX)
VCC = 15V, Pin 4 = 0V
Output Control Pin = VREF
43
45
%
Input Threshold Voltage
Zero Duty
VTH
3
3.3
V
Max Duty
0
ERROR AMPLIFIER SECTION
Input Offset Voltage
VICS
V3=2.5V
2
10
mV
Input Offset Current
IICS
V3=2.5V
25
250
nA
Input Bias Current
IIB
V3=2.5V
0.2
1
μA
Input Common-mode Voltage Range
VICR
7V <VCC< 40V
-0.3
VCC
V
Large Signal Open-Loop Voltage Range
GVO
0.5V < V3 < 3.5V
60
74
dB
Unity-Gain Band width
fC
650
kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com