| Electronic Components Datasheet Search |
|
IRMCK341 Datasheet(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCK341 Datasheet(HTML) 10 Page - International Rectifier |
|
10 / 36 page ![]() IRMCK341 www.irf.com © 2007 International Rectifier 10 4.1 8051 Peripheral Interface Group UART Interface TXD Output, Transmit data from IRMCK341 RXD Input, Receive data to IRMCK341 Discrete I/O Interface P1.0/T2 Input/output port 1.0, can be configured as Timer/Counter 2 input P1.1/RXD Input/output port 1.1, can be configured as RXD input P1.2/TXD Input/output port 1.2, can be configured as TXD output P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock output P1.4/CAP Input/output port 1.4, can be configured as Capture Timer input P1.5 Input/output port 1.5 P1.6 Input/output port 1.6 P1.7 Input/output port 1.7 P2.0/NMI Input/output port 2.0, can be configured as non-maskable interrupt input P2.1 Input/output port 2.1 P2.2 Input/output port 2.2 P2.3 Input/output port 2.3 P2.4 Input/output port 2.4 P2.5 Input/output port 2.5 P2.6/AOPWM0 Input/output port 2.6, can be configured as AOPWM0 output P2.7/AOPWM1 Input/output port 2.7, can be configured as AOPWM1 output P3.0/INT2/CS1 Input/output port 3.0, can be configured as INT2 input or SPI chip select 1 P3.1/AOPWM2 Input/output port 3.1, can be configured as AOPWM2 output P3.2/NINT0 Input/output port 3.2, can be configured as INT0 input P3.3/NINT1 Input/output port 3.3, can be configured as INT1 input P3.5/T1 Input/output port 3.5, can be configured as Timer/Counter 1 input P5.1/TSM Input/output port 5.1, configured as JTAG port by default P5.2/TDO Input/output port 5.2, configured as JTAG port by default P5.3/TDI Input/output port 5.3, configured as JTAG port by default Analog Output Interface P2.6/AOPWM0 Input/output, can be configured as 8-bit PWM output 0 with programmable carrier frequency P2.7/AOPWM1 Input/output, can be configured as 8-bit PWM output 1 with programmable carrier frequency P3.1/AOPWM2 Input/output, can be configured as 8-bit PWM output 2 with programmable carrier frequency Crystal Interface XTAL0 Input, connected to crystal XTAL1 Output, connected to crystal Reset Interface RESET Inout, system reset, needs to be pulled up to VDD1 but doesn’t require external RC time constant |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |