Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6301ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6301ESA
Description  5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6301ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6301ESA Datasheet HTML 1Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 2Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6301ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
+5V, Low-Power µP Supervisory Circuits
with Adjustable Reset/Watchdog
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(CSWT = CSRT = 1500pF, TA = +25°C, unless otherwise noted.)
4.25
2.50
-40
40
SUPPLY CURRENT
vs. TEMPERATURE
3.25
3.00
2.75
4.00
TEMPERATURE (°C)
080
-60
-20
60
20
100
3.75
3.50
4.50
5.00
4.75
VCC = 5.0V
VCC = 2.0V
RESET DEASSERTED
NO LOAD
1.220
-40
40
RESET IN THRESHOLD VOLTAGE
vs. TEMPERATURE
1.218
TEMPERATURE (°C)
080
-60
-20
60
20
100
1.216
1.214
1.222
1.226
1.224
-40
40
VCC TO RESET DELAY
vs. TEMPERATURE (VCC FALLING)
68
TEMPERATURE (°C)
080
-60
-20
60
20
100
64
60
56
52
72
76
VCC FALLING AT 1mV/µs
RESET AND WATCHDOG
TIMEOUT vs. VCC
4.12
SUPPLY VOLTAGE (V)
23
5
46
4.08
4.04
4.00
3.96
4.16
3.6
2.6
6.0
2.0
4.0
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
2.8
3.4
SUPPLY VOLTAGE (V)
3.0
5.0
1.5
2.5
4.5
3.5
5.5
3.2
3.0
3.8
4.2
4.0
RESET DEASSERTED
NO LOAD
4.05
3.80
-40
40
RESET AND NORMAL-MODE
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
3.85
4.00
TEMPERATURE (°C)
080
-60
-20
60
20
100
3.95
3.90
4.10
4.20
4.15
VCC = 5.0V
0
0
200
400
600
1000
800
40
RESET THRESHOLD OVERDRIVE (mV)
80
120
30
70
110
20
60
100
10
50
90
RESET OCCURS
ABOVE THE CURVE
SEE
NEGATIVE-GOING VCC
TRANSIENTS SECTION
VRST = 4.60V
MAXIMUM TRANSIENT DURATION vs.
RESET THRESHOLD OVERDRIVE (VRST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com