Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2001MPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS2001MPBF
Description  Floating channel designed for bootstrap operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001MPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS2001MPBF_15 Datasheet HTML 2Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 3Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 4Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 5Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 6Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 7Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 8Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 9Page - International Rectifier IRS2001MPBF_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IRS2001MPBF
www.irf.com
© 2008 International Rectifier
6
Lead Definitions
PIN
Symbol
Description
1
NC
No connection
2
HIN
Logic input for high side gate driver output (HO), in phase
3
LIN
Logic input for low side driver output (LO), in phase
4
COM
Low side return
5
NC
No Connection
6
NC
No Connection
7
LO
Low side gate drive output
8
NC
No Connection
9
NC
No Connection
10
NC
No Connection (pin removed)
11
VS
High side floating supply return
12
HO
High side gate drive output
13
VB/VBZ
High side floating supply
14
NC
No Connection
15
NC
No Connection (pin removed)
16
VCC/VCCZ
Low side and logic fixed supply
Lead Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com