Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2001MPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2001MPBF
Description  Floating channel designed for bootstrap operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2001MPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS2001MPBF Datasheet HTML 1Page - International Rectifier IRS2001MPBF Datasheet HTML 2Page - International Rectifier IRS2001MPBF Datasheet HTML 3Page - International Rectifier IRS2001MPBF Datasheet HTML 4Page - International Rectifier IRS2001MPBF Datasheet HTML 5Page - International Rectifier IRS2001MPBF Datasheet HTML 6Page - International Rectifier IRS2001MPBF Datasheet HTML 7Page - International Rectifier IRS2001MPBF Datasheet HTML 8Page - International Rectifier IRS2001MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IRS2001MPBF
www.irf.com
© 2008 International Rectifier
4
Dynamic Electrical Characteristics
VBIAS (VCC, VBS ) = 15V, CL = 1000pF, TA = 25°C unless otherwise specified.
Static Electrical Characteristics
VBIAS(VCC, VBS )= 15V and TA = 25°C unless otherwise specified. The VIN, VTH, and IIN parameters are
referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the respective
output leads: HO and LO.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
ton
Turn-on propagation delay
—
160
220
VS = 0V
toff
Turn-off propagation delay
—
150
220
VS = 200V
t r
Turn-on rise time
—
70
170
t f
Turn-off fall time
—
35
90
MT
Delay Matching, HS & LS turn-on/off
—
—
50
ns
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VIH
Logic “1” input voltage
2.5
—
—
VIL
Logic “0” input voltage
—
—
0.8
VCC = 10V to 20V
VOH
High level output voltage, VBIAS - VO
—
0.05
0.2
VOL
Low level output voltage, VO
—
0.02
0.1
V
IO = 2mA
ILK
Offset supply leakage current
—
—
50
VB = VS = 200V
IQBS
Quiescent VBS supply current
—
30
55
IQCC
Quiescent VCC supply current
—
150
270
VIN = 0V or 5V
IIN+
Logic “1” input bias current
—
3
10
VIN = 5V
IIN-
Logic “0” input bias current
—
—
5
A
VIN = 0V
VCCUV+
VCC supply undervoltage positive
going threshold
8.0
8.9
9.8
VCCUV-
VCC supply undervoltage negative
going threshold
7.4
8.2
9.0
V
IO+
Output high short circuit pulsed current
200
290
—
VO = 0V,
VIN = Logic “1”
PW ≤ 10 s
IO-
Output low short circuit pulsed current
420
600
—
mA
VO = 15V,
VIN = Logic “0”
PW ≤ 10 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com