Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6250BESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6250BESA
Description  Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6250BESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6250BESA Datasheet HTML 1Page - Maxim Integrated Products MAX6250BESA Datasheet HTML 2Page - Maxim Integrated Products MAX6250BESA Datasheet HTML 3Page - Maxim Integrated Products MAX6250BESA Datasheet HTML 4Page - Maxim Integrated Products MAX6250BESA Datasheet HTML 5Page - Maxim Integrated Products MAX6250BESA Datasheet HTML 6Page - Maxim Integrated Products MAX6250BESA Datasheet HTML 7Page - Maxim Integrated Products MAX6250BESA Datasheet HTML 8Page - Maxim Integrated Products MAX6250BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Noise, Precision, +2.5V/+4.096V/+5V
Voltage References
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6225
(VIN = 10V, IOUT = 0mA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
IN..............................................................................-0.3V to +40V
OUT, TRIM ...............................................................-0.3V to +12V
NR ..............................................................................-0.3V to +6V
OUT Short Circuit to GND Duration (VIN ≤ 12V)..........Continuous
OUT Short Circuit to GND Duration (VIN ≤ 40V) ....................5sec
OUT Short Circuit to IN Duration (VIN ≤ 12V) ..............Continuous
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C)................727mW
SO (derate 5.88mW/°C above +70°C) ............................471mW
CERDIP (derate 8.00mW/°C above +70°C) ....................640mW
Operating Temperature Ranges
MAX62_ _ _C_ A .....................................................0°C to +70°C
MAX62_ _ _E_ A ..................................................-40°C to +85°C
MAX62_ _ _MJA ................................................-55°C to +125°C
Storage Temperature Range ..............................-65°C to +150°C
Lead Temperature (soldering, 10sec)...............................+300°C
V
8
36
VIN
Input Voltage Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
C, E, M
TA
V
2.499
2.500
2.501
VOUT
Output Voltage
C
1.0
2.0
Output Voltage Temperature
Coefficient (Note 1)
TCVOUT
E
1.5
3.0
ppm/°C
Line Regulation (Note 2)
∆VOUT /
∆VIN
+25°C
10
18
ppm/V
MAX6225A
MAX6225AC_A
MAX6225AE_A
CONDITIONS
8V
≤ VIN ≤ 10V
2.497
2.500
2.503
MAX6225B
M
2.0
5.0
C
2.5
5.0
MAX6225AMJA
MAX6225BC_A
E
2.5
7.0
M
2.5
8.0
MAX6225BE_A
MAX6225BMJA
C
30
E
35
M
45
10V
≤ VIN ≤ 36V
+25°C
2
5
C
7
E
8
M
10
+25°C
+25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com