Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18536KCS Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD18536KCS
Description  CSD18536KCS 60 V N-Channel NexFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD18536KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD18536KCS_15 Datasheet HTML 1Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 2Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 3Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 4Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 5Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 6Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 7Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 8Page - Texas Instruments CSD18536KCS_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Qg - Gate Charge (nC)
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 100 A
VDS = 30 V
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
3.5
4
D007
TC = 25°C, I D = 100 A
TC = 125°C, I D = 100 A
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD18536KCS
SLPS532 – MARCH 2015
CSD18536KCS 60 V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
•
Ultra-Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
•
Low Thermal Resistance
VDS
Drain-to-Source Voltage
60
V
•
Avalanche Rated
Qg
Gate Charge Total (10 V)
83
nC
Qgd
Gate Charge Gate-to-Drain
14
nC
•
Pb-Free Terminal Plating
VGS = 4.5 V
1.7
m
Ω
•
RoHS Compliant
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V
1.3
m
Ω
•
Halogen Free
VGS(th)
Threshold Voltage
1.8
V
•
TO-220 Plastic Package
Ordering Information(1)
2 Applications
Device
Package
Media
Qty
Ship
•
Secondary Side Synchronous Rectifier
CSD18536KCS
TO-220 Plastic Package
Tube
50
Tube
•
Motor Control
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
Absolute Maximum Ratings
This 60 V, 1.3 m
Ω, TO-220 NexFET™ power
MOSFET is designed to minimize losses in power
TA = 25°C
VALUE
UNIT
conversion applications.
VDS
Drain-to-Source Voltage
60
V
VGS
Gate-to-Source Voltage
±20
V
SPACE
Continuous Drain Current (Package limited)
200
Continuous Drain Current (Silicon limited),
349
ID
TC = 25°C
A
Continuous Drain Current (Silicon limited),
247
TC = 100°C
IDM
Pulsed Drain Current (1)
400
A
PD
Power Dissipation
375
W
TJ,
Operating Junction and
–55 to 175
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
819
mJ
ID = 128 A, L = 0.1 mH, RG = 25 Ω
(1) Max RθJC = 0.4°C/W, pulse duration ≤100 μs, duty cycle ≤1%
.
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD18536KCS_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18536KCS.B TI2-CSD18536KCS.B Datasheet
899Kb / 13P
CSD18536KCS 60V N-Channel NexFET™ Power MOSFET
REVISED MARCH 2024
More results

Similar Description - CSD18536KCS_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
60-V N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
60-V, N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
60-V N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
60-V N-Channel NexFET Power MOSFETs
CSD18535KCS TI-CSD18535KCS_15 Datasheet
338Kb / 11P
CSD18535KCS 60 V N-Channel NexFET Power MOSFET
CSD18535KTT TI1-CSD18535KTT Datasheet
417Kb / 13P
60 V N-Channel NexFET Power MOSFET
CSD18536KTT TI1-CSD18536KTT Datasheet
418Kb / 13P
60 V N-Channel NexFET Power MOSFET
CSD18542KTT TI1-CSD18542KTT Datasheet
524Kb / 13P
60-V N-Channel NexFET Power MOSFET
CSD18543Q3A TI1-CSD18543Q3A Datasheet
409Kb / 13P
CSD18543Q3A 60-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com