Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLP Datasheet(PDF) 1 Page - Integrated Device Technology

Part # XLP
Description  Frequency range
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLP Datasheet(HTML) 1 Page - Integrated Device Technology

  XLP Datasheet HTML 1Page - Integrated Device Technology XLP Datasheet HTML 2Page - Integrated Device Technology XLP Datasheet HTML 3Page - Integrated Device Technology XLP Datasheet HTML 4Page - Integrated Device Technology XLP Datasheet HTML 5Page - Integrated Device Technology XLP Datasheet HTML 6Page - Integrated Device Technology XLP Datasheet HTML 7Page - Integrated Device Technology XLP Datasheet HTML 8Page - Integrated Device Technology XLP Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
XLP REVISION B 12/10/14
1
©2014 Integrated Device Technology, Inc.
IDT XO LVPECL Crystal Oscillator
XLP
General Description
The XLP is an LVPECL Crystal Oscillator with 860fs typical
phase jitter over 12kHz to 20 MHz bandwidth. Available in a
wide frequency range from 0.750MHz to 1350MHz, the IDT
XLP Series Crystal Oscillator utilizes a family of proprietary
ASICs, with a key focus on noise reduction technologies.
The 3rd order Delta Sigma Modulator reduces noise to the
levels that are comparable to traditional Bulk Quartz and SAW
oscillators. With short lead-time, low cost, low noise, wide
frequency range, excellent ambient performance, the XLP is
an excellent choice over the conventional technologies. The
XLP has stabilities as tight as ±20ppm with extremely quick
delivery for both standard and custom frequencies
Features
Frequency range: 0.750 to 1350 MHz
Output Type: LVPECL
Frequency Stability: ± 20ppm, ± 25ppm, ± 50ppm, or ± 100
ppm
Supply Voltage: 2.5V or 3.3V
Phase Jitter (1.875MHz to 20MHz): 225fs typical
Phase Jitter (12kHz to 20MHz): 860fs typical
Package options: 5.0mm x 3.2mm x 1.2mm (JS6)
7.0mm x 5.0mm x 1.3mm (JU6)
Operating Temperatures: -20°C to +70°C or -40°C to +85°C
Pin Assignment
Pin Descriptions
1. Pulled high internally.
Pin Number
Pin Name
Description
1
E/D
Enable/Disable1 (0=Output Disabled)
2
NC
No connect
3
GND
Connect to ground
4
OUT
Output
5
OUT2
Complementary Output
6
VDD
Supply voltage
12
3
4
5
6
6-pin CLCC


Similar Part No. - XLP

ManufacturerPart #DatasheetDescription
logo
XENOENERGY Co.Ltd.,
XLP-050F XENO-XLP-050F Datasheet
354Kb / 1P
Thionyl Chloride Lithium Battery
XLP-050F XENO-XLP-050F_V01 Datasheet
426Kb / 1P
Thionyl Chloride Lithium Battery
V-24
XLP-055F XENO-XLP-055F Datasheet
137Kb / 1P
Thionyl Chloride Lithium Battery
XLP-055F XENO-XLP-055F Datasheet
246Kb / 1P
Thionyl Chloride Lithium Battery
V-24
XLP-055F XENO-XLP-055F_V01 Datasheet
246Kb / 1P
Thionyl Chloride Lithium Battery
V-24
More results

Similar Description - XLP

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA1650A ZCOMM-PSA1650A Datasheet
86Kb / 2P
Frequency Range:
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
XLL IDT-XLL Datasheet
350Kb / 13P
Frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
XUL IDT-XUL Datasheet
220Kb / 12P
Frequency range
XUN IDT-XUN Datasheet
215Kb / 12P
Frequency range
XUO IDT-XUO Datasheet
214Kb / 12P
Frequency range
XUP IDT-XUP Datasheet
214Kb / 12P
Frequency range
XUQ IDT-XUQ Datasheet
213Kb / 12P
Frequency range
logo
Mitsubishi Electric Sem...
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
Broadband Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com