Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5259A Datasheet(PDF) 14 Page - Analog Microelectronics

Part # AME5259A
Description  1.2A, 1.5MHz Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5259A Datasheet(HTML) 14 Page - Analog Microelectronics

Back Button AME5259A Datasheet HTML 10Page - Analog Microelectronics AME5259A Datasheet HTML 11Page - Analog Microelectronics AME5259A Datasheet HTML 12Page - Analog Microelectronics AME5259A Datasheet HTML 13Page - Analog Microelectronics AME5259A Datasheet HTML 14Page - Analog Microelectronics AME5259A Datasheet HTML 15Page - Analog Microelectronics AME5259A Datasheet HTML 16Page - Analog Microelectronics AME5259A Datasheet HTML 17Page - Analog Microelectronics AME5259A Datasheet HTML 18Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AME
14
1.2A, 1.5MHz Synchronous
Step-Down Converter
AME5259A
Rev.A.02
n
Characterization Curve
Efficiency vs. Output Current
Output Current (mA)
Output Current (mA)
Output Current (mA)
Efficiency vs. Output Current
Efficiency vs. Output Current
Output Current (mA)
40
50
60
70
80
90
0.1
1
10
100
1200
VIN = 2.7V
VOUT = 1.5V COUT = 10
µF L = 2.2µH
40
50
60
70
80
90
100
0.1
1
10
100
1200
VIN = 3.6V
VOUT = 2.5V COUT = 10µF L = 2.2µH
40
50
60
70
80
90
100
0.1
1
10
100
1200
VIN = 2.7V
VOUT = 2.5V COUT = 10µF L = 2.2µH
Efficiency vs. Output Current
40
50
60
70
80
90
100
0.1
1
10
100
1200
VIN = 3.6V
VOUT = 1.5V COUT = 10
µF L = 2.2µH
Output Current (mA)
Output Current (mA)
Efficiency vs. Output Current
Efficiency vs. Output Current
40
50
60
70
80
90
0.1
1
10
100
1200
VIN = 2.5V
VOUT = 1.2V COUT = 10
µF L = 2.2µH
40
50
60
70
80
90
100
0.1
1
10
100
1200
VIN = 5.5V
VOUT = 1.2V COUT = 10µF L = 2.2µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com