Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8244 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8244
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8244 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8244 Datasheet HTML 17Page - Seiko Instruments Inc S8244 Datasheet HTML 18Page - Seiko Instruments Inc S8244 Datasheet HTML 19Page - Seiko Instruments Inc S8244 Datasheet HTML 20Page - Seiko Instruments Inc S8244 Datasheet HTML 21Page - Seiko Instruments Inc S8244 Datasheet HTML 22Page - Seiko Instruments Inc S8244 Datasheet HTML 23Page - Seiko Instruments Inc S8244 Datasheet HTML 24Page - Seiko Instruments Inc S8244 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.6.4_00
S-8244 Series
Seiko Instruments Inc.
21
Characteristics (Typical Data)
1. Detection Voltage vs. Temperature
Overcharge Detection Voltage vs. Temperature
Overcharge Release Voltage vs. Temperature
4.35
4.45
4.55
−40 −20
0
20
40
60
80
100
Ta [°C]
S-8244AAAFN
VCU = 4.45 V
3.97
4.07
4.17
−40 −20
0
20
40
60
80
100
Ta [°C]
S-8244AAAFN
VCD = 0.38 V
2. Current Consumption vs. Temperature
Current Consumption during Normal Operation vs. Temperature
Current Consumption at Power Down vs. Temperature
0
1
2
3
−40
−20
0
20
40
60
80
100
S-8244AAAFN
VCC = 14.0 V
Ta [°C]
0
1
2
3
−40
−20
0
20
40
60
80
100
S-8244AAAFN
VCC = 9.2 V
Ta [°C]
3. Delay Time vs. Temperature
Overcharge Detection Delay Time vs. Temperature
0
1
2
3
−40
−20
0
20
40
60
80
100
S-8244AAAFN
VCC = 15.2 V
Ta [°C]
Caution Please design all applications of the S-8244 Series with safety in mind.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com