Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8250B Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S8250B
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8250B Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S8250B Datasheet HTML 17Page - Seiko Instruments Inc S8250B Datasheet HTML 18Page - Seiko Instruments Inc S8250B Datasheet HTML 19Page - Seiko Instruments Inc S8250B Datasheet HTML 20Page - Seiko Instruments Inc S8250B Datasheet HTML 21Page - Seiko Instruments Inc S8250B Datasheet HTML 22Page - Seiko Instruments Inc S8250B Datasheet HTML 23Page - Seiko Instruments Inc S8250B Datasheet HTML 24Page - Seiko Instruments Inc S8250B Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_00
S-8250B Series
Seiko Instruments Inc.
21
Battery Protection IC Connection Example
R1
Battery C1
VSS
DO
VDD
CO
VM
S-8250B Series
FET1
FET2
EB
−
EB
+
R2
Figure 14
Table 10 Constants for External Components
Symbol
Part
Purpose
Min.
Typ.
Max.
Remark
FET1
N-channel
MOS FET
Discharge control
−
−
−
Threshold voltage
≤ Overdischarge
detection voltage
*1
Gate to source withstand voltage
≥
Charger voltage
*2
FET2
N-channel
MOS FET
Charge control
−
−
−
Threshold voltage
≤ Overdischarge
detection voltage
*1
Gate to source withstand voltage
≥
Charger voltage
*2
R1
Resistor
ESD protection,
For power fluctuation
150
Ω
330
Ω
510
Ω
Resistance should be as small as
possible to avoid worsening the
overcharge detection accuracy due to
current consumption.
*3
C1
Capacitor
For power fluctuation
0.068
μF0.1 μF
1.0
μF
Connect a capacitor of 0.068
μF or
higher between VDD pin and VSS pin.
*4
R2
Resistor
Protection for reverse
connection of a
charger
1 k
Ω
2 k
Ω
4 k
Ω
Select as large a resistance as possible
to prevent current when a charger is
connected in reverse.
*5
*1.
If the threshold voltage of an FET is low, the FET may not cut the charge current. If an FET with a threshold voltage
equal to or higher than the overdischarge detection voltage is used, discharging may be stopped before overdischarge
is detected.
*2.
If the withstand voltage between the gate and source is lower than the charger voltage, the FET may be destroyed.
*3.
An accuracy of overcharge detection voltage is guaranteed by R1 = 330
Ω. Connecting resistors with other values
worsen the accuracy. In case of connecting a larger resistor to R1, the voltage between the VDD pin and VSS pin may
exceed the absolute maximum rating because the current flows to the S-8250B Series from the charger due to reverse
connection of charger. Connect a resistor of 150
Ω or more to R1 for ESD protection.
*4.
When connecting a resistor less than 150
Ω to R1 or a capacitor less than 0.068 μF to C1, the S-8250B Series may
malfunction when power dissipation is largely fluctuated.
*5.
When a resistor more than 4 k
Ω is connected to R2, the charge current may not be cut.
Caution 1. The above constants may be changed without notice.
2. It has not been confirmed whether the operation is normal or not in circuits other than the above
example of connection. In addition, the example of connection shown above and the constant do not
guarantee proper operation. Perform thorough evaluation using the actual application to set the
constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com