Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2453D Datasheet(PDF) 13 Page - International Rectifier

Part # IRS2453D
Description  Integrated 600 V full-bridge gate driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2453D Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS2453D Datasheet HTML 9Page - International Rectifier IRS2453D Datasheet HTML 10Page - International Rectifier IRS2453D Datasheet HTML 11Page - International Rectifier IRS2453D Datasheet HTML 12Page - International Rectifier IRS2453D Datasheet HTML 13Page - International Rectifier IRS2453D Datasheet HTML 14Page - International Rectifier IRS2453D Datasheet HTML 15Page - International Rectifier IRS2453D Datasheet HTML 16Page - International Rectifier IRS2453D Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IRS2453(1)D(S)
13
www.irf.com
© 2012 International Rectifier
November 28, 2012
Functional Description
Under-Voltage Lock-Out Mode (UVLO)
The under-voltage lockout mode (UVLO) is defined as the state the IC is in when VCC is below the turn-on
threshold of the IC. The IRS2453(1)D under-voltage lock-out is designed to maintain an ultra low supply current of
e the high and low side output drivers are
activated. During under-voltage lock-out mode, the high and low side driver outputs LO1, LO2, HO1, HO2 are all
low. With VCC above the VCCUV+ threshold, the IC turns on and the output begin to oscillate.
Normal Operating Mode
Once VCC reaches the start-up threshold VCCUV+, the MOSFET M1 opens, RT increases to approximately VCC
(VCC-VRT+) and the external CT capacitor starts charging. Once the CT voltage reaches VCT- (about 1/3 of VCC),
established by an internal resistor ladder, LO1 and HO2 turn on with a delay equivalent to the dead time (td).
Once the CT voltage reaches VCT+ (approximately 2/3 of VCC), LO1 and HO2 go low, RT goes down to
approximately ground (VRT-), the CT capacitor starts discharging and the dead time circuit is activated. At the end
of the dead time, LO2 and HO1 go high. Once the CT voltage reaches VCT-, LO2 and HO1 go low, RT goes to
high again, the dead time is activated. At the end of the dead time, LO1 and HO2 go high and the cycle starts
over again.
The frequency is best determined by the graph, Frequency vs. RT, page 3, for different values of CT. A first order
approximate of the oscillator frequency can also be calculated by the following formula:
CT
RT
f
453
.
1
1
This equation can vary slightly from actual measurements due to internal comparator over- and under-shoot
delays.
Bootstrap MOSFET
The internal bootstrap FET and supply capacitor (CBOOT) comprise the supply voltage for the high side driver
circuitry. The internal bootstrap FET only turns on when the corresponding LO is high. To guarantee that the high-
side supply is charged up before the first pulse on HO1 and HO2, LO1 and LO2 outputs are both high when CT
ramps between zero and 1/3*VCC. LO1 and LO2 are also high when CT is grounded below 1/6*VCC to ensure that
the bootstrap capacitor is charged when CT is brought back over 1/3*VCC.
Non-Latched Shutdown
If CT is pulled down below VCTSD (approximately 1/6 of VCC) by an external circuit, CT is not able to charge up
and oscillation stops. HO1 and HO2 outputs are held low. LO1 and LO2 outputs remain high while VCT remains
below VCT- enabling the bootstrap capacitors to charge. This state remains until the CT input is released and
oscillation can resume.
Latched Shutdown
When the SD pin is brought above 2 V, the IC goes into fault mode and all outputs are low. VCC has to be recycled
below VCCUV- to restart. The SD pin can be used for over-current or over-voltage protection using appropriate
external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com