Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87501LT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87501LT
Description  CSD87501L 30 V Dual Common Drain N-Channel NexFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87501LT Datasheet(HTML) 3 Page - Texas Instruments

  CSD87501LT Datasheet HTML 1Page - Texas Instruments CSD87501LT Datasheet HTML 2Page - Texas Instruments CSD87501LT Datasheet HTML 3Page - Texas Instruments CSD87501LT Datasheet HTML 4Page - Texas Instruments CSD87501LT Datasheet HTML 5Page - Texas Instruments CSD87501LT Datasheet HTML 6Page - Texas Instruments CSD87501LT Datasheet HTML 7Page - Texas Instruments CSD87501LT Datasheet HTML 8Page - Texas Instruments CSD87501LT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CSD87501L
www.ti.com
SLPS523A – FEBRUARY 2015 – REVISED APRIL 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVS1S2
Source-to-Source Voltage
VGS = 0 V, IS = 250 μA
30
V
IS1S2
Source-to-Source Leakage Current
VGS = 0 V, VS1S2 = 24 V
1
μA
IGSS
Gate-to-Source Leakage Current
VS1S2 = 0 V, VGS = 20 V
10
µA
VGS(th)
Gate-to-Source Threshold Voltage
VS1S2 = VGS, IS = 250 μA
1.3
1.8
2.3
V
VGS = 4.5 V, IS = 7 A
9.3
11.0
m
Ω
RS1S2(on)
Source-to-Source On-Resistance
VGS = 10 V, IS = 7 A
6.6
7.8
m
Ω
gƒs
Transconductance
VS1S2 = 3 V, IS = 7 A
48
S
DYNAMIC CHARACTERISTICS(1)
Ciss
Input Capacitance
1620
2110
pF
Coss
Output Capacitance
VGS = 0 V, VS1S2 = 15 V, ƒ = 1 MHz
189
246
pF
Crss
Reverse Transfer Capacitance
152
198
pF
RG
Series Gate Resistance
300
450
Ω
Qg
Gate Charge Total (4.5 V)
15
20
nC
Qg
Gate Charge Total (10 V)
31
40
nC
Qgd
Gate Charge Gate-to-Drain
VS1S2 = 15 V, IS = 7 A
6.0
nC
Qgs
Gate Charge Gate-to-Source
5.0
nC
Qg(th)
Gate Charge at Vth
2.5
nC
Qoss
Output Charge
VS1S2 = 15 V, VGS = 0 V
7.6
nC
td(on)
Turn On Delay Time
164
ns
tr
Rise Time
260
ns
VS1S2 = 15 V, VGS = 10 V,
IS1S2 = 7 A, RG = 0 Ω
td(off)
Turn Off Delay Time
709
ns
tƒ
Fall Time
712
ns
(1)
Dynamic characteristics values specified are per single FET.
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction-to-Ambient Thermal Resistance(1)
135
RθJA
°C/W
Junction-to-Ambient Thermal Resistance(2)
50
(1)
Device mounted on FR4 material with minimum Cu mounting area.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD87501L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com