Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8253C Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S8253C
Description  BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8253C Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S8253C Datasheet HTML 9Page - Seiko Instruments Inc S8253C Datasheet HTML 10Page - Seiko Instruments Inc S8253C Datasheet HTML 11Page - Seiko Instruments Inc S8253C Datasheet HTML 12Page - Seiko Instruments Inc S8253C Datasheet HTML 13Page - Seiko Instruments Inc S8253C Datasheet HTML 14Page - Seiko Instruments Inc S8253C Datasheet HTML 15Page - Seiko Instruments Inc S8253C Datasheet HTML 16Page - Seiko Instruments Inc S8253C Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.1_00
S-8253C/D Series
Seiko Instruments Inc.
13
6. Resistance between VMP and VDD, Resistance between VMP and VSS
(Test Condition 6, Test Circuit 2)
Confirm that V1
= V2 = 3.5 V (S-8253C Series), V1 = V2 = V3 = 3.5 V (S-8253D Series), S1 = ON, and S2 = OFF (this
status is referred to as the initial status).
6. 1 Resistance between VMP and VDD (RVMD)
The resistance between VMP and VDD (RVMD) is determined based on the current of the VMP pin (IVMD) after S1
and S2 are switched to OFF and ON, respectively, starting at the initial status.
S-8253C Series : RVMD
= (V1 + V2) / IVMD
S-8253D Series : RVMD
= (V1 + V2 + V3) / IVMD
6. 2 Resistance between VMP and VSS (RVMS)
The resistance between VMP and VSS (RVMS) is determined based on the current of the VMP pin (IVMS) after V1
=
V2
= 1.8 V (S-8253C Series) or V1 = V2 = V3 = 1.8 V (S-8253D Series) are set starting at the initial status.
S-8253C Series : RVMS
= (V1 + V2) / IVMS
S-8253D Series : RVMS
= (V1 + V2 + V3) / IVMS
7. CTL Pin Input Voltage “H”
(Test Condition 7, Test Circuit 1)
Confirm that V1
= V2 = 3.5 V (S-8253C Series), V1 = V2 = V3 = 3.5 V (S-8253D Series), V4 = 0 V, V5 = 0 V, and the
COP pin and DOP pin are low (this status is referred to as the initial status).
7. 1 CTL Pin Input Voltage “H” (VCTLH)
The CTL pin input voltage “H” (VCTLH) is the voltage of V4 when the voltages of the COP pin and DOP pin are high
after the voltage of V4 has been gradually increased starting at the initial status.
8. CTL Pin Input Voltage “L”
(Test condition 7, Test circuit 1)
Confirm that V1
= V2 = 3.5 V (S-8253C Series), V1 = V2 = V3 = 3.5 V (S-8253D Series), V4 = 0 V, V5 = 0.35 V, and
the COP pin and DOP pin are high (this status is referred to as the initial status).
8. 1 CTL Pin Input Voltage “L” (VCTLL)
The CTL pin input voltage “L” (VCTLL) is the voltage of V4 when the voltages of the COP pin and DOP pin are low
after the voltage of V4 has been gradually increased starting at the initial status.
9. CTL Pin Current “H”, CTL Pin Current “L”
(Test Condition 8, Test Circuit 3)
9. 1 CTL Pin Current “H” (ICTLH), CTL Pin Current “L” (ICTLL)
The CTL pin current “H” (ICTLH) is the current that flows through the CTL pin when V1
= V2 = 3.5 V (S-8253C
Series), V1
= V2 = V3 = 3.5 V (S-8253D Series), and S3 = ON, S4 = OFF. The CTL pin current “L” (ICTLL) is the
current that flows through the CTL pin when S3
= OFF and S4 = ON after that.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com