Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS10752LPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS10752LPBF
Description  SOT-23 High-Side Gate Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS10752LPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS10752LPBF Datasheet HTML 1Page - International Rectifier IRS10752LPBF Datasheet HTML 2Page - International Rectifier IRS10752LPBF Datasheet HTML 3Page - International Rectifier IRS10752LPBF Datasheet HTML 4Page - International Rectifier IRS10752LPBF Datasheet HTML 5Page - International Rectifier IRS10752LPBF Datasheet HTML 6Page - International Rectifier IRS10752LPBF Datasheet HTML 7Page - International Rectifier IRS10752LPBF Datasheet HTML 8Page - International Rectifier IRS10752LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRS10752LPBF
4
www.irf.com
© 2015 International Rectifier
January 14, 2015
Electrical Characteristics
VCC=15V, VBS=15V, CL=1000pF, and TA = 25 °C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Low Side Characteristics
VCCUV+
VCC supply UVLO positive-going
8.0
9.0
10.0
V
VCCUV-
VCC supply UVLO negative-going
7.0
8.0
9.0
IQCC
Quiescent VCC supply current
---
100
---
µA
VCC_CLAMP
VCC internal Zener clamp voltage
---
20.4
---
V
ICC = 5mA
VIH
Logic “1” input voltage
---
---
2.2
VIL
Logic “0” input voltage
0.8
---
---
IIN+
Logic “1” input bias current
---
20
40
µA
VIN = VCC
IIN-
Logic “0” input bias current
---
---
5
VIN = COM
High Side Characteristics
VBSUV+
VBS supply UVLO positive-going
8.0
9.0
10.0
V
VBSUV-
VBS supply UVLO negative-going
7.0
8.0
9.0
VBS_CLAMP
VBS internal Zener clamp voltage
---
20.4
---
IBS = 5mA
VOH
High level output voltage (VB – HO)
---
0.8
1.4
IO = 2mA
VOL
Low level output voltage (HO
– V
S)
---
0.3
0.6
ILK
Offset supply leakage current
---
---
50
µA
VB = VS = 100V
IQBS
Quiescent VBS supply current
---
80
---
VIN = VCC or COM
Gate Drive Characteristics
tON
Turn-on propagation delay
---
140
---
ns
VS = 0V
tOFF
Turn-off propagation delay
---
215
---
VS = 100V
tRISE
Turn-on rise time
---
85
---
VS = 0V
tFALL
Turn-off fall time
---
40
---
IO+
HO gate drive output source current
---
160
---
mA
IO-
HO gate drive output sink current
---
240
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com