Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS20752LPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS20752LPBF
Description  SOT-23 High-Side Gate Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20752LPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS20752LPBF Datasheet HTML 1Page - International Rectifier IRS20752LPBF Datasheet HTML 2Page - International Rectifier IRS20752LPBF Datasheet HTML 3Page - International Rectifier IRS20752LPBF Datasheet HTML 4Page - International Rectifier IRS20752LPBF Datasheet HTML 5Page - International Rectifier IRS20752LPBF Datasheet HTML 6Page - International Rectifier IRS20752LPBF Datasheet HTML 7Page - International Rectifier IRS20752LPBF Datasheet HTML 8Page - International Rectifier IRS20752LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRS20752LPBF
3
www.irf.com
© 2015 International Rectifier
January 14, 2015
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any pin. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min
Max
Units
VB
High side floating absolute voltage
-0.3
220
V
VS
High side floating supply offset voltage
VB - 20
VB + 0.3
VHO
High side floating gate drive output voltage
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
20
VIN
Logic input voltage
COM - 0.3
VCC + 0.3
COM
Logic ground
VCC - 20
VCC + 0.3
dVS/dt
High side floating supply offset voltage slew rate
---
50
V/ns
R
Θ
JA
Thermal resistance, junction to
ambient
6L-SOT-23
---
151
ºC/W
TJ
Junction temperature
-55
150
ºC
TS
Storage temperature
TL
IC Pin temperature (soldering, 10 seconds)
---
300
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min
Max
Units
VB
High side floating absolute voltage
VS + 10
VS + 18
V
VS
High side floating supply offset voltage
COM - 8
†
200
VHO
High side floating gate drive output voltage
VS
VB
VCC
Low side and logic fixed supply voltage
10
18
VIN
Logic input voltage
COM
VCC
TJ
Junction temperature
-40
125
ºC
† Logic operational for V
S of -8V to +200V. Logic state held for VS of -8V to –VBS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com