Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138A Datasheet(PDF) 59 Page - Texas Instruments

Part # UCD3138A
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A Datasheet(HTML) 59 Page - Texas Instruments

Back Button UCD3138A_15 Datasheet HTML 55Page - Texas Instruments UCD3138A_15 Datasheet HTML 56Page - Texas Instruments UCD3138A_15 Datasheet HTML 57Page - Texas Instruments UCD3138A_15 Datasheet HTML 58Page - Texas Instruments UCD3138A_15 Datasheet HTML 59Page - Texas Instruments UCD3138A_15 Datasheet HTML 60Page - Texas Instruments UCD3138A_15 Datasheet HTML 61Page - Texas Instruments UCD3138A_15 Datasheet HTML 62Page - Texas Instruments UCD3138A_15 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
3 A – QB1
( DPWM1 C)
3 B – QT1
( DPWM 2 C)
Controlled by DPWM1 Blanking register
Blank B Begin
Blank B End
Period Start
Period End
Event 5
Event 6
Event 5
Event 6
Event 6
Controlled by DPWM2 Blanking register
Blank B Begin
Blank B End
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
These signals are actually routed to pins DPWM3A and 3B using the Intra Mux with these statements:
Dpwm3Regs.DPWMCTRL0.bit.PWM_A_INTRA_MUX = 7; // Send DPWM1C
Dpwm3Regs.DPWMCTRL0.bit.PWM_B_INTRA_MUX = 8; // Send DPWM2C
Since these signals are really being used as events in the timer, the #defines are called EV5 and EV6.
Here are the statements which initialize them:
// Setup waveform for DPWM-C (re-using blanking B regs)
Dpwm2Regs.DPWMBLKBBEG.all = PWM2_EV5 + (4 *16);
Dpwm2Regs.DPWMBLKBEND.all = PWM2_EV6;
Figure 7-5. Blank B Timing Information
The statements for DPWM1 are the same. Remember that DPWMC reuses the Blank B registers for
timing information.
7.2.5
Dynamic Signals to Bridge
DPWM0 and 1 are set at normal mode. PCMC triggering signal (fault) chops DPWM0A and 1A cycle by
cycle. The corresponding DPWM0B and 1B are used for synchronous rectifier MOSFET control. The
same PCMC triggering signal is applied to DPWM2 and DPWM3. Both of these are set to normal mode as
well. DPWM2 and 3 are chopped and their edges are used to generate the next two dynamic signals to
the bridge. They are generated using the Edge Generator Module in DPWM2. The Edge Generator
sources are DPWM2 and DPWM3. The edges used are:
DPWM2A turned on by a rising edge on DPWM2BF
DPWM2A turned off by a falling edge on DPWM3AF
DPWM2B turned on by a rising edge on DPWM3BF
DPWM2B turned off by a falling edge on DPWM2AF
Copyright © 2015, Texas Instruments Incorporated
Application, Implementation, and Layout
59
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com