Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138ARGCT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARGCT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARGCT Datasheet(HTML) 36 Page - Texas Instruments

Back Button UCD3138ARGCT Datasheet HTML 32Page - Texas Instruments UCD3138ARGCT Datasheet HTML 33Page - Texas Instruments UCD3138ARGCT Datasheet HTML 34Page - Texas Instruments UCD3138ARGCT Datasheet HTML 35Page - Texas Instruments UCD3138ARGCT Datasheet HTML 36Page - Texas Instruments UCD3138ARGCT Datasheet HTML 37Page - Texas Instruments UCD3138ARGCT Datasheet HTML 38Page - Texas Instruments UCD3138ARGCT Datasheet HTML 39Page - Texas Instruments UCD3138ARGCT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
DPWM3B
(QT1)
DPWM2A
(QT2)
DPWM2B
(QB2)
VTrans
DPWM0B
(QSYN2,4)
DPWM1B
(QSYN1,3)
IPRI
DPWM3A
(QB1)
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
6.6
Sync FET Ramp and IDE Calculation
The UCD3138A has built in logic for controlling MOSFETs for synchronous rectification (Sync FETs). This
comes in two forms:
•
Sync FET ramp
•
Ideal Diode Emulation (IDE) calculation
When starting up a power supply, sometimes there is already a voltage on the output – this is called
prebias. It is difficult to calculate the ideal Sync FET on-time for this case. If it is not calculated correctly, it
may pull down the prebias voltage, causing the power supply to sink current.
To avoid this, Sync FETs are not turned on until the power supply has ramped up to the nominal voltage.
The Sync FETs are turned on gradually in order to avoid an output voltage glitch. The Sync FET Ramp
logic can be used to turn them on at a rate below the bandwidth of the filter.
In discontinuous mode, the ideal on-time for the Sync FETs is a function of VIN, VOUT, and the primary side
duty cycle (D). The IDE logic in the UCD3138A takes VIN and VOUT data from the firmware and combines it
with D data from the filter hardware. It uses this information to calculate the ideal on-time for the Sync
FETs.
6.7
Automatic Mode Switching
Automatic Mode switching enables the DPWM module to switch between modes automatically. This is
useful to increase efficiency and power range. The following paragraphs describe phase-shifted full bridge
and LLC examples:
6.7.1
Phase Shifted Full Bridge Example
Phase shifted full bridge topologies are shown in Figure 6-6 and Figure 6-7.
Figure 6-6. Phase Shifted Full Bridge
36
Detailed Description
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com