Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138ARMHT Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHT
Description  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138ARMHT Datasheet(HTML) 65 Page - Texas Instruments

Back Button UCD3138ARMHT Datasheet HTML 61Page - Texas Instruments UCD3138ARMHT Datasheet HTML 62Page - Texas Instruments UCD3138ARMHT Datasheet HTML 63Page - Texas Instruments UCD3138ARMHT Datasheet HTML 64Page - Texas Instruments UCD3138ARMHT Datasheet HTML 65Page - Texas Instruments UCD3138ARMHT Datasheet HTML 66Page - Texas Instruments UCD3138ARMHT Datasheet HTML 67Page - Texas Instruments UCD3138ARMHT Datasheet HTML 68Page - Texas Instruments UCD3138ARMHT Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
UCD3138A
www.ti.com
SLUSC66B – MARCH 2015 – REVISED MAY 2015
7.3
Layout
7.3.1
Layout Guidelines
Single ground is recommended: SGND. A multilayer such as 4 layers board is recommended so that
one solid SGND is dedicated for return current path, referred to the layout example.
Apply multiple different capacitors for different frequency range on decoupling circuits. Each capacitor
has different ESL, Capacitance and ESR, and they have different frequency response.
Avoid long traces close to radiation components, and place them into an internal layer, and it is
preferred to have grounding shield, and in the end, add a termination circuit;
Analog circuit such as ADC sensing lines needs a return current path into the analog circuitry; digital
circuit such as GPIO, PMBus and PWM has a return current path into the digital circuitry; although with
a single plane, still try to avoid to mix analog current and digital current.
Don’t use a ferrite bead or larger than 3
Ω resistor to connect between V33A and V33D.
Both 3.3VD and 3.3VA should have local 4.7 µF decoupling capacitors close to the device power pins,
add visas to connect decoupling caps directly to SGND.
Avoid negative current/negative voltage on all pins, so Schottky diodes may need to clamp the voltage;
avoid the voltage spike on all pins more than 3.8 V or less than –0.3 V, add Schottky diodes on the
pins which could have voltage spikes during surge test; be aware that a Schottky has relatively higher
leakage current, which can affect the voltage sensing at high temperature.
RESET pin should have one at least 2.2 µF low ESL capacitor locally decoupled with SGND plane.
This capacitor must be located close to the device RESET pin. It is highly recommended to use a small
resistance (such as 220
Ω) to connect the RESET pin with 3.3 VD.
Copyright © 2015, Texas Instruments Incorporated
Application, Implementation, and Layout
65
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com