Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD3138A64 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138A64
Description  UCD3138x Highly-Integrated Digital Controller For Isolated Power
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A64 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD3138A64 Datasheet HTML 6Page - Texas Instruments UCD3138A64 Datasheet HTML 7Page - Texas Instruments UCD3138A64 Datasheet HTML 8Page - Texas Instruments UCD3138A64 Datasheet HTML 9Page - Texas Instruments UCD3138A64 Datasheet HTML 10Page - Texas Instruments UCD3138A64 Datasheet HTML 11Page - Texas Instruments UCD3138A64 Datasheet HTML 12Page - Texas Instruments UCD3138A64 Datasheet HTML 13Page - Texas Instruments UCD3138A64 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
UCD3138128, UCD3138A64
SLUSBZ8A – JUNE 2014 – REVISED SEPTEMBER 2014
www.ti.com
Electrical Characteristics (continued)
V33A = V33D = V33DIO = 3.3V; 1
μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Gain
See Figure 10
1
V/V
A0
Minimum output voltage
21
mV
EADC DAC
DAC range
0
1.6
V
VREF DAC reference resolution
10 bit, No dithering enabled
1.56
mV
VREF DAC reference resolution
With 4 bit dithering enabled
97.6
μV
INL
–1.5
1.5
LSB
DNL
–1.0
2.1
LSB
DAC reference voltage
1.58
1.61
V
ADC12
IBIAS
Bias current for PMBus address pins
9.5
10.5
μA
Measurement range for voltage monitoring
0
2.5
V
Internal ADC reference voltage
–40°C to 125°C
2.475
2.500
2.53
V
–40°C to 25°C
–0.7
Change in Internal ADC reference from
mV
25°C reference voltage(1)
25°C to 125°C
-6
ADC12 INL integral nonlinearity(2)
-7.5/+2.9
LSB
ADC12 DNL differential nonlinearity(2)
–0.7/+3.2
LSB
ADC_SAMPLING_SEL = 6 for all
ADC12 data, 25 °C to 125 °C
ADC Zero Scale Error
–7
±5
7
mV
ADC Full Scale Error
–35
±20
35
mV
Input bias
2.5 V applied to pin
200
nA
Input leakage resistance(2)
ADC_SAMPLING_SEL= 6 or 0
1
M
Ω
Input Capacitance(2)
10
pF
DIGITAL INPUTS/OUTPUTS(3)(4)
DGND
VOL
Low-level output voltage(5)
IOH = 4 mA, V33DIO = 3 V
V
+ 0.25
V33DIO
VOH
High-level output voltage (5)
IOH = –4 mA, V33DIO = 3 V
V
– 0.6
VIH
High-level input voltage
V33DIO = 3 V
2.1
V
VIL
Low-level input voltage
V33DIO = 3 V
1.1
V
IOH
Output sinking current
4
mA
IOL
Output sourcing current
–4
mA
SYSTEM PERFORMANCE
Processor master clock (MCLK)
31.25
MHz
tDelay
Digital filter delay(6)
(1 clock = 32ns)
6
MCLKs
f(PCLK)
Internal oscillator frequency
240
250
260
MHz
Current share current source (See
ISHARE
238
259
μA
Figure 28)
RSHARE
Current share resistor (See Figure 28)
9.7
10.3
k
Ω
POWER ON RESET AND BROWN OUT (V33A pin, See Figure 3)
VGH
Voltage good High
2.7
V
VGL
Voltage good Low
2.5
V
Vres
Voltage at which IReset signal is valid(2)
0.8
V
(2)
Characterized by design and not production tested.
(3)
DPWM outputs are low after reset. Other GPIO pins are configured as inputs after reset.
(4)
On the 40 pin package V33DIO is connected to V33D internally.
(5)
The maximum total current, IOHmax and IOLmax for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop
specified. Maximum sink current per pin = –6 mA at VOL; maximum source current per pin = 6 mA at VOH.
(6)
Time from close of error ADC sample window to time when digitally calculated control effort (duty cycle) is available. This delay, which
has no variation associated with it, must be accounted for when calculating the system dynamic response.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: UCD3138128 UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com