Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX652CSA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX652CSA
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652CSA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX652CSA Datasheet HTML 1Page - Maxim Integrated Products MAX652CSA Datasheet HTML 2Page - Maxim Integrated Products MAX652CSA Datasheet HTML 3Page - Maxim Integrated Products MAX652CSA Datasheet HTML 4Page - Maxim Integrated Products MAX652CSA Datasheet HTML 5Page - Maxim Integrated Products MAX652CSA Datasheet HTML 6Page - Maxim Integrated Products MAX652CSA Datasheet HTML 7Page - Maxim Integrated Products MAX652CSA Datasheet HTML 8Page - Maxim Integrated Products MAX652CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
1.455
1.5
1.545
1.4625
1.5
1.5375
FB Trip Point
1.470
1.5
1.530
V
IQ
25
FB Input Current
IFB
±50
nA
±70
±90
Output Voltage
VOUT
4.80
5.0
5.20
V
Supply Current
V+ Input Voltage Range
V+
4.0
16.5
V
80
100
µA
4
3.17
3.3
3.43
2.88
3.0
3.12
Reference Voltage
VREF
1.470
1.5
1.530
V
1.4625
1.5
1.5375
1.455
1.5
1.545
REF Load Regulation
410
mV
415
CONDITIONS
MAX649M, MAX65_M
Circuit of
Figure 1
MAX649E, MAX65_E
MAX649C, MAX65_C
V+ = 10V, SHDN
≥ 1.6V (shutdown)
MAX649C, MAX65_C
MAX649E, MAX65_E
MAX649C, MAX65_C, IREF = 0
MAX649E, MAX65_E, IREF = 0
MAX649M, MAX65_M
MAX649M, MAX65_M, IREF = 0
V+ = 16.5V, SHDN
≤ 0.4V (operating, switch off)
V+ = 16.5V, SHDN
≥ 1.6V (shutdown)
Supply Voltage, V+ to GND.......................................-0.3V, +17V
REF, SHDN, FB, CS, EXT, OUT .......................-0.3V, (V+ + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW
SO (derate 5.88mW/°C above +70°C) ..........................471mW
CERDIP (derate 8.00mW/°C above +70°C) ..................640mW
Operating Temperature Ranges
MAX649C_A, MAX65_C_A ..................................0°C to +70°C
MAX649E_A, MAX65_E_A ................................-40°C to +85°C
MAX649MJA, MAX65_MJA ............................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX649, V+ = 6V to 16.5V
MAX651, V+ = 4V to 16.5V
MAX652, V+ = 4V to 16.5V
MAX649C/E, MAX65_C/E
MAX649M, MAX65_M
0
≤ IREF ≤ 100µA,
sourcing only
4V
≤ V+ ≤ 16.5V
REF Line Regulation
40
100
µV/V
2.6
mV/V
1.7
1.9
Output Voltage
Line Regulation
Circuit of
Figure 1
MAX649, 6V
≤ V+ ≤ 16V,
ILOAD = 1A
MAX651, 4.5V
≤ V+ ≤ 16V,
ILOAD = 1A
MAX652, 4V
≤ V+ ≤ 16V,
ILOAD = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com