Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULD3380G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ULD3380G-AG6-R
Description  HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULD3380G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ULD3380G-AG6-R Datasheet HTML 1Page - Unisonic Technologies ULD3380G-AG6-R Datasheet HTML 2Page - Unisonic Technologies ULD3380G-AG6-R Datasheet HTML 3Page - Unisonic Technologies ULD3380G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ULD3380
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R109-034.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VCC
40
V
GATE Voltage
VGATE
14
V
ACTL Voltage (Note 2)
VACTL
8
V
VC Voltage
VVC
6
V
SENSE Voltage
VSENSE
-0.3~6
V
Power Dissipation (TA=25°C)
PD
0.392
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. If the ACTL pin is connected with a serial 1MΩ resistor, the maximum voltage can go up to 36V.
RECOMMENDED OPERATING CONDITIONS (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Input Voltage
VCC
17~32
V
Junction Temperature Range
TJ
-40~125
°C
Note: The device is not guaranteed to function outside its operating conditions.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
255
°C/W
ELECTRICAL CHARACTERISTICS (VCC=24VDC, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Input Start-Up Voltage
VST
15
17
19
V
Minimum Operation Voltage After Star t-Up
VIN(MIN)
6.0
7.5
9.0
V
Input Quiescent Current
IQC
After Start-Up, VCC=24V
1.65
5.0
mA
Maximum Startup Current in VCC
Hiccup Operation
IST(MAX)
Maximum ICC at low end of VCC
250
300
μA
Input Shutdown Current
ISHDN
Before Start-Up, VCC=15V
0.1
5.0
μA
Over Voltage Protection
VOVP
VCC Pin
32.5 35.5 36.5
V
Current Sense Voltage
VSENSE
160
mV
Switching Frequency
fSW
38
47
55
kHz
Oscillator Maximum Duty Cycle
DMAX
VC=3V
100
%
Minimum Turn-On Time
tON(MIN)
300
ns
GATE Pin Maximum Voltage
VGATE
No Load at GATE Pin
11.1
12
13.1
V
GATE Voltage High
VGATE_H
IGATE=-20mA
11
12
13
V
IGATE=-100μA
11.1
12
13.1
V
GATE Voltage Low
VGATE_L
IGATE=20mA
0.55 0.75 0.95
V
IGATE=100μA
0.3
0.5
0.7
V
GATE Drive Rise and Fall Time
1nF Load at GATE
75
ns
GATE Drive Source and Sink Peak Current
1nF Load at GATE
0.2
A
ACTL LED Dimming
Analog Dimming ACTL Pin Input Current
IACTL
25
μA
Analog Dimming Range
0
1.3
V
Analog Dimming
Threshold Voltage
High Level
1.2
1.3
V
Low Level
0
0.1
V
VC Threshold for PWM Switch Off
VVC
1.1
1.25
1.4
V
Thermal Protection
Thermal Shutdown Temperature
TSD
150
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com