Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6512UT045 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6512UT045
Description  Low-Cost, Remote SOT Temperature Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6512UT045 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6512UT045 Datasheet HTML 1Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 2Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 3Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 4Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 5Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 6Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 7Page - Maxim Integrated Products MAX6512UT045 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Cost, Remote SOT Temperature Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3.0V to +5.5V, CS = 2200pF, TA = -40
°C to +85°C, TREMOTE = +45°C to +125°C (Note 1), unless otherwise noted. Typical
values are at TA = +25
°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: TREMOTE refers to the temperature of the remote-sensing junction. TA refers to the temperature of the MAX6511/MAX6512/
MAX6513 package.
Note 2: All parameters are 100% production tested at TA = +25
°C. Specifications over temperature limits are guaranteed by design.
Note 3: This parameter is guaranteed by design to ±3.5 sigma.
Supply Voltage (VDD) ...............................................-0.3V to +6V
DXP, DXN, HYST, TOVER (MAX6513),
TOVER (MAX6511/MAX6512) ................-0.3V to (VDD + 0.3V)
TOVER (MAX6513), TOVER (MAX6511)
Output Current ....................................................-1mA/+50mA
DXN Input Current...................................................-1mA/+50mA
Current (all other pins)......................................................±20mA
Continuous Power Dissipation (TA = +70
°C)
6-Pin SOT23-6 (derate 9.1mW/°C above +70
°C) ........727mW
6-Pin TDFN (derate 24.4mW/°C above +70
°C) .........1951mW
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-65
°C to +150°C
Junction Temperature ......................................................+150
°C
Lead Temperature
Vapor Phase (60s) .......................................................+215
°C
Infrared (15s) ...............................................................+220
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
3.0
5.5
V
Supply Current
IDD
400
600
µA
TA = -5
°C to +55°C
-3.0
+3.0
Temperature Threshold
Accuracy (Note 3)
∆TTH
TA = -40
°C to +85°C
-5.0
+5.0
°C
Power-Supply Sensitivity for
Temperature Trip Point
-0.6
°C/V
HYST = VIL
5
Temperature Threshold
Hysteresis
THYST
HYST = VIH
10
°C
Response Time
70
120
ms
Input Voltage High
VIH
VDD -
0.2
V
Input Voltage Low
VIL
0.2
V
Output Voltage High
VOH
MAX6511/MAX6513, IOUT = 1mA
VDD
- 0.2
V
Output Voltage Low
VOL
IOUT = 1mA
0.2
V
Maximum DXP Source
Current
0.4V
≤ VDXP ≤ 2V,
DXN = GND
270
µA
Minimum DXP Source
Current
0.4V
≤ VDXP ≤ 2V,
DXN = GND
9µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com