Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX652 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX652
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX652 Datasheet HTML 1Page - Maxim Integrated Products MAX652 Datasheet HTML 2Page - Maxim Integrated Products MAX652 Datasheet HTML 3Page - Maxim Integrated Products MAX652 Datasheet HTML 4Page - Maxim Integrated Products MAX652 Datasheet HTML 5Page - Maxim Integrated Products MAX652 Datasheet HTML 6Page - Maxim Integrated Products MAX652 Datasheet HTML 7Page - Maxim Integrated Products MAX652 Datasheet HTML 8Page - Maxim Integrated Products MAX652 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
-45
UNITS
V+ = 16.5V, SHDN = 0V or V+
-45
SHDN Input Current
1
µA
Output Voltage
Load Regulation
-47
mV/A
CONDITIONS
Circuit of
Figure 1
MAX649, 0
≤ ILOAD ≤ 1.5A,
VIN = 10V
MAX651, 0
≤ ILOAD ≤ 1.5A,
VIN = 5V
MAX652, 0
≤ ILOAD ≤ 1.5A,
VIN = 5V
MAX649, V+ = 10V,
ILOAD = 1A
MAX651, V+ = 5V,
ILOAD = 1A
89
MAX652, V+ = 5V,
ILOAD = 1A
88
Efficiency
92
%
Circuit of
Figure 1
4V
≤ V+ ≤ 16.5V
SHDN Input Voltage High
1.6
V
VIH
4V
≤ V+ ≤ 16.5V
0.4
V
VIL
SHDN Input Voltage Low
4V
≤ V+ ≤ 16.5V
CS Input Current
±1
µA
V+ = 12V
12
16
20
µs
tON
(max)
Switch Maximum
On-Time
CEXT = 0.001µF, V+ = 12V
EXT Rise Time
50
ns
CEXT = 0.001µF, V+ = 12V
EXT Fall Time
50
ns
V+ = 12V
Switch Minimum
Off-Time
1.8
2.3
2.8
µs
tOFF
(min)
MAX649C/E, MAX65_C/E
Current-Limit Trip
Level (V+ to CS)
180
210
240
mV
VCS
MAX649M, MAX65_M
160
210
260
4V
≤ V+ ≤ 16.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com