Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87334Q3DT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87334Q3DT
Description  CSD87334Q3D Synchronous Buck NexFET Power Block
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87334Q3DT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CSD87334Q3DT Datasheet HTML 9Page - Texas Instruments CSD87334Q3DT Datasheet HTML 10Page - Texas Instruments CSD87334Q3DT Datasheet HTML 11Page - Texas Instruments CSD87334Q3DT Datasheet HTML 12Page - Texas Instruments CSD87334Q3DT Datasheet HTML 13Page - Texas Instruments CSD87334Q3DT Datasheet HTML 14Page - Texas Instruments CSD87334Q3DT Datasheet HTML 15Page - Texas Instruments CSD87334Q3DT Datasheet HTML 16Page - Texas Instruments CSD87334Q3DT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CSD87334Q3D
www.ti.com
SLPS546 – JULY 2015
7.2 Layout Example
Figure 21. Recommended PCB Layout (Top Down)
7.3 Thermal Considerations
The Power Block has the ability to utilize the GND planes as the primary thermal path. As such, the use of
thermal vias is an effective way to pull away heat from the device and into the system board. Concerns of solder
voids and manufacturability problems can be addressed by the use of three basic tactics to minimize the amount
of solder attach that will wick down the via barrel:
•
Intentionally space out the vias from each other to avoid a cluster of holes in a given area.
•
Use the smallest drill size allowed in your design. The example in Figure 21 uses vias with a 10-mil drill hole
and a 16-mil capture pad.
•
Tent the opposite side of the via with solder-mask.
The number and drill size of the thermal vias should align with the PCB design rules and manufacturing
capabilities of the end user.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CSD87334Q3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com