Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85FD Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 85FD
Description  Short reverse recovery time
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

85FD Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  85FD Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 85FD Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 85FD Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 85FD Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 85FD Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 85FD Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
85FD(R)Series
20
15
25
10
0
5
Fig.1 Current rating nomogram (Sinusoidal Waveforms)
Average forward current (A)
Maximum allowable ambient temperature (°C)
0
2
4
6
8
10
12
14
10 20 30 40 50 60 70 80 90 100
120°
60°
180°
30°
0.39
0.82
0.37
1.41
10 20 30 40
70
50
80
100
90
60
20
25
30
15
10
0
5
15
10
0
5
85FD(R)Series
T = 150°C
J
ø
Conduction Angle
Fig.2 Current rating nomogram (Rectangular waveforms)
Average forward current (A)
Maximum allowable ambient temperature (°C)
RMS Limit
R
= 3
.0
-
R
K/W
th
SA
▲
5-
R
▲
8-
R
▲
2.0
-
R
▲
4-
R
▲
120°
ø =180°
60°
30°
Conduction Angle
180°
60°
DC
30°
0.21
0.82
0
1.41
120°
0.37
85FD(R)Series
T = 150°C
J
120°
ø =180°
60°
30°
25
20
Fig. 4 Maximum forward voltage vs. forward
current.
0
Instantaneous forward voltage (V)
1
2
3
4
10
2
10
3
10
1
Fig .3 Maximum high level forward power
loss vs. average forward current
T = 125°C
J
T = 25°C
J
85FD(R)Series
2
10
3
10
4
10
10
2
10
3
10
4
10
10
Average forward current (A)
120°
ø =180°
60°
30°
180°
ø =DC
120°
60°
30°
85FD(R)Series
T = 125°C
J
R
= 3.0
-
R
K/W
th
SA
▲
1.0
-
R
▲
1.5
-
R
▲
4-
R
▲
5-
R
▲
6-
R
▲
8- R
▲
10- R
▲
15- R
▲
16
6-
R
▲
10- R
▲
15- R
▲
20- R
▲
35
2.0
-
R
▲
RMS Limit
DC
Page 4 of 6
www.nellsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com