Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35047 Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
24
DISPLAY FORM 2
This IC can display both ROM character and RAM character at
the same time. The display form is shown in Figure 15 and 16.
Fig.15 Display form1
Continue to Next
< Regiser BCOL="0", RBLK0="0">
(Note 1)
Display mode
Matrix-outline display
Character display (Note1)
Matrix-outline display
Character display (Note1)
Blanking mode
Matrix-outline size
Character size (Note2)
All blanking size
All blanking size
RBLK0
0
1
0
1
BCOL
0
1
(1) RAM character blanking mode
R,GorB output
BLNK0 output
Scanning
12dots (Note 2)
RAM Character
ROM Character
R,GorB output
BLNK0 output
Scanning
Scanning
Scanning
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No. Character color
(Character unit)
BR, BG, BB of display RAM :
(Character unit)
Display mode
: Matrix-outline display
(b)
(Matrix- outline size)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
Border color
(Character unit)
Display mode
: Matrix-outline display
(c)
(Matrix- outline size)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
Matrix-outline color
(Character unit)
Display mode
: Matrix-outline display
(d)
(Matrix- outline size)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
Matrix-outline color
(Character unit)
FR, FG, FB of register
:
Border color
(Display unit)
Display mode
: Matrix-outline display
(a)
(Matrix- outline size)
( ) is blanking mode.
Refer to DISPLAY FORM 1 about (a)-(d).
Note1: The part of the appointed color by BB, BG and BB of the display RAM changes that is not coloring.
Note2: The part of the appointed color by BB, BG and BB of the display RAM changes that the blanking is "OFF"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com