Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82CXXG-AE2-5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 82CXXG-AE2-5-R
Description  VOLTAGE DETECTORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82CXXG-AE2-5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  82CXXG-AE2-5-R Datasheet HTML 1Page - Unisonic Technologies 82CXXG-AE2-5-R Datasheet HTML 2Page - Unisonic Technologies 82CXXG-AE2-5-R Datasheet HTML 3Page - Unisonic Technologies 82CXXG-AE2-5-R Datasheet HTML 4Page - Unisonic Technologies 82CXXG-AE2-5-R Datasheet HTML 5Page - Unisonic Technologies 82CXXG-AE2-5-R Datasheet HTML 6Page - Unisonic Technologies 82CXXG-AE2-5-R Datasheet HTML 7Page - Unisonic Technologies 82CXXG-AE2-5-R Datasheet HTML 8Page - Unisonic Technologies 82CXXG-AE2-5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
82CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 20
www.unisonic.com.tw
QW-R119-010.N
MARKING CODE FOR SOT-23/SOT-25
DETECT VOLATGE
DETECT VOLATGE
PART
NUMBER
VOLTAGE
CODE
MARKING
CODE
PART
NUMBER
VOLTAGE
CODE
MARKING
CODE
82C10
1.0V
10
L10
82C36
3.6V
36
L36
82C11
1.1V
11
L11
82C37
3.7V
37
L37
82C12
1.2V
12
L12
82C38
3.8V
38
L38
82C13
1.3V
13
L13
82C39
3.9V
39
L39
82C14
1.4V
14
L14
82C40
4.0V
40
L40
82C15
1.5V
15
L15
82C41
4.1V
41
L41
82C16
1.6V
16
L16
82C42
4.2V
42
L42
82C17
1.7V
17
L17
82C43
4.3V
43
L43
82C18
1.8V
18
L18
82C44
4.4V
44
L44
82C19
1.9V
19
L19
82C45
4.5V
45
L45
82C20
2.0V
20
L20
82C46
4.6V
46
L46
82C21
2.1V
21
L21
82C47
4.7V
47
L47
82C22
2.2V
22
L22
82C48
4.8V
48
L48
82C23
2.3V
23
L23
82C49
4.9V
49
L49
82C24
2.4V
24
L24
82C50
5.0V
50
L50
82C25
2.5V
25
L25
82C51
5.1V
51
L51
82C26
2.6V
26
L26
82C52
5.2V
52
L52
82C27
2.7V
27
L27
82C53
5.3V
53
L53
82C28
2.8V
28
L28
82C54
5.4V
54
L54
82C29
2.9V
29
L29
82C55
5.5V
55
L55
82C30
3.0V
30
L30
82C56
5.6V
56
L56
82C31
3.1V
31
L31
82C57
5.7V
57
L57
82C32
3.2V
32
L32
82C58
5.8V
58
L58
82C33
3.3V
33
L33
82C59
5.9V
59
L59
82C34
3.4V
34
L34
82C60
6.0V
60
L60
82C35
3.5V
35
L35
82C62
6.2V
62
L62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com