Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS25751LPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRS25751LPBF
Description  High-Voltage Start-Up IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS25751LPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS25751LPBF Datasheet HTML 4Page - International Rectifier IRS25751LPBF Datasheet HTML 5Page - International Rectifier IRS25751LPBF Datasheet HTML 6Page - International Rectifier IRS25751LPBF Datasheet HTML 7Page - International Rectifier IRS25751LPBF Datasheet HTML 8Page - International Rectifier IRS25751LPBF Datasheet HTML 9Page - International Rectifier IRS25751LPBF Datasheet HTML 10Page - International Rectifier IRS25751LPBF Datasheet HTML 11Page - International Rectifier IRS25751LPBF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
IRS25751LPBF
8
www.irf.com
© 2015 International Rectifier
January 15, 2015
Electrical Characteristics
R1 = 1Meg Ohm, R2 = 90.9K Ohm, Ta = 25 °C unless otherwise specified. All parameters are referenced to
COM pin.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VOUT Pin Characteristics
VOUT-
VOUT pin falling turn-on threshold
3.78
4.2
4.62
V
VCLAMP
VOUT pin internal clamp voltage
19.8
20.8
21.8
VIN = COM,
IVOUT = 5mA
IREG
Regulated output current
---
4.6
---
mA
VIN = 400V,
VOUT = COM
VIN Pin Characteristics
I_VIN_OFF
VIN pin off-state leakage current
---
2.5
---
A
VIN = 400V
VTH Pin Characteristics
VTH+
VTH pin rising turn-off threshold
1.08
1.14
1.2
V
ENN Pin Characteristics
VENN+
ENN pin rising disable threshold
---
1.2
---
V
Over-Temperature Protection
TjSD
Junction temperature thermal
shutdown
---
155
---
ºC
TjSD_HYS
Junction temperature thermal
shutdown hysteresis
---
50
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com