Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82XXG-X-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 82XXG-X-AF5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82XXG-X-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  82XXG-X-AF5-R Datasheet HTML 1Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 2Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 3Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 4Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 5Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 6Page - Unisonic Technologies 82XXG-X-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
82XX
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-326.f
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
25:2.5V
27:2.7V
2K:2.93V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VOUT
Output pin
2
NC
Connected nothing
3
RESET
Reset control pin
4
VCC
Supply voltage
5
GND
Ground
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com