Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1100G-AG6-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC1100G-AG6-R
Description  LOW-POWER HIGH PRECISION CC/CV PRIMARY SIDE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC1100G-AG6-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UC1100G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC1100G-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UC1100
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R129-007.a
TYPICAL APPLICATION CIRCUIT
U1
3
BD1
4
2
1
F1
L
N
21V/0.3A
L1
C1 +
12
C2 +
R1
R2
C3 +
R3
R6
D2
R12
R5
R4
D1
C4
C7
OUT
CS
1
4
R10
R8
R11
Q1
4
3
2
T1
5
R13
D3
A
B
C5
C6 +
R14
CY1
GND
1
BOM
Reference
Component
Reference
Component
F1
0.5A/250V
U1
UC1100, SOT-26
BD1
B6S
R1, R2
1MΩ 1206
C1, C2
EC 4.7μF/400V 105°C
R3
1.5MΩ 1206
C3
EC 4.7μF/50V 105°C
R4
200kΩ 1206
C4
CC 102P/1KV
R5
22Ω 0805
C5
NC
R6
3.9Ω 0805
C6
EC 220μF/35V 105°C
R8
940mΩ 1206
C7
NC
R10
20kΩ 0805
L1
1.2mH
R11
4.3kΩ 0805
T1
EE-16
R12
1kΩ 0805
D1
1N4007, SMA
R13
NC
D2
BAV21, SOD-123
R14
24kΩ 1206
D3
MGBR3200, DO-201AD
CY1
Y1 102P/400V
Q1
MJE13003, TO-126
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com