Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UIC811G-X-AE2-2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UIC811G-X-AE2-2-R
Description  MICROPROCESSOR RESET CIRCUITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UIC811G-X-AE2-2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UIC811G-X-AE2-2-R Datasheet HTML 1Page - Unisonic Technologies UIC811G-X-AE2-2-R Datasheet HTML 2Page - Unisonic Technologies UIC811G-X-AE2-2-R Datasheet HTML 3Page - Unisonic Technologies UIC811G-X-AE2-2-R Datasheet HTML 4Page - Unisonic Technologies UIC811G-X-AE2-2-R Datasheet HTML 5Page - Unisonic Technologies UIC811G-X-AE2-2-R Datasheet HTML 6Page - Unisonic Technologies UIC811G-X-AE2-2-R Datasheet HTML 7Page - Unisonic Technologies UIC811G-X-AE2-2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UIC811
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-317.N
MICROPROCESSOR RESET
CIRCUITS
DESCRIPTION
The UTC UIC811 series are resetting circuits which can monitor
power supplies especially in microprocessor based systems.
In normal operation, the UTC UIC811 series can assert a reset
under any of the following situation: the power supply drops below
a designated reset threshold level (which is available for 3V or 3.3V
or 5V system) or MR is forced low.
There is an internal active low RESET output which has already
been guaranteed to remain asserted for at 140ms least while VCC
rises above the designed threshold level.
FEATURES
* Voltage monitor for 3V or 3.3V or 5V power supplies
* Valid RESET remains with VCC as low as 1V
* Typical supply current: 5µA
* Fixed 140ms minimum reset pulse width
* With Manual reset input
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
4
UIC811G-x-AE2-2-R
SOT-23-3
VCC
RESET
GND
-
Tape Reel
UIC811G-x-AE2-3-R
SOT-23-3
RESET
GND
VCC
-
Tape Reel
UIC811G-x-AE3-2-R
SOT-23
VCC
RESET
GND
-
Tape Reel
UIC811G-x-AE3-3-R
SOT-23
RESET
GND
VCC
-
Tape Reel
UIC811G-x-AD4-R
SOT-143
GND
RESET
MR
VCC
Tape Reel
UIC811G-x-AL4-R
SOT-343
GND
RESET
MR
VCC
Tape Reel
Note: Pin Assignment : x: Output Voltage, refer to Marking Information.


Similar Part No. - UIC811G-X-AE2-2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UIC811G-X-AE2-2-R UTC-UIC811G-X-AE2-2-R Datasheet
268Kb / 8P
MICROPROCESSOR RESET CIRCUITS
More results

Similar Description - UIC811G-X-AE2-2-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
Microprocessor Reset Circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
MICROPROCESSOR RESET CIRCUITS
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
Microprocessor Reset Circuits
Rev. E
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com