Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSRB01AG-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UPSRB01AG-AG6-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSRB01AG-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UPSRB01AG-AG6-R Datasheet HTML 1Page - Unisonic Technologies UPSRB01AG-AG6-R Datasheet HTML 2Page - Unisonic Technologies UPSRB01AG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UPSRB01AG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UPSRB01AG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UPSRB01AG-AG6-R Datasheet HTML 6Page - Unisonic Technologies UPSRB01AG-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UPSRB01A
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R103-095.a
TYPICAL APPLICATION CIRCUIT (5V/1A)
BOM
Reference
Component
Reference
Component
BD1
BD 1A/600V
R3
R 2.4KΩ 1206 ±5%
L1
Choke
R1,R2
R 4.7MΩ 1206 ±5%
C1
EC 4.7u F 400V 105°C
R4
R 330KΩ 1206 ±5%
C2
EC 4.7u F 400V 105°C
R6
R 20KΩ 0805 ±1%
C3
CC 1n F 1000V 1206
R7
R 3.3KΩ 0805 ±1%
C4
EC 2.2u F 50V 105°C
R9
R 1.1Ω 1206 ±5%
C6
EC 680u F 10V 105°C
T1
EE-16
C8
CC 22n F 50V 0805
F1
FUSE 1A 250VAC
D5,D7
UTC 1N4007
Q1
UTC MJE13003
D6
UTC SB340
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com