Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6513 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6513
Description  Low-Cost, Remote SOT Temperature Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6513 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6513 Datasheet HTML 1Page - Maxim Integrated Products MAX6513 Datasheet HTML 2Page - Maxim Integrated Products MAX6513 Datasheet HTML 3Page - Maxim Integrated Products MAX6513 Datasheet HTML 4Page - Maxim Integrated Products MAX6513 Datasheet HTML 5Page - Maxim Integrated Products MAX6513 Datasheet HTML 6Page - Maxim Integrated Products MAX6513 Datasheet HTML 7Page - Maxim Integrated Products MAX6513 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low-Cost, Remote SOT Temperature Switches
_______________________________________________________________________________________
3
300
340
320
380
360
420
400
440
-40
10
-15
35
60
85
SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE TA (
°C)
(NOTE: SUPPLY CURRENT
INCLUDES EXTERNAL
DIODE-CONNECTED
TRANSISTOR)
-0.4
0
-0.2
0.2
-1.4
-1.6
-1.0
-1.2
-0.8
-0.6
-60 -40 -20
0
20
40
80
60
100 120 140
TEMPERATURE TRIP THRESHOLD ERROR
vs. AMBIENT TEMPERATURE TA
AMBIENT TEMPERATURE TA (
°C)
-2
2
-4
0
4
6
8
10
12
14
020
10
30
40
50
60
TEMPERATURE TRIP THRESHOLD ERROR
vs. CS CAPACITANCE
CS CAPACITANCE (nF)
-2.0
-0.5
-1.0
-1.5
0
0.5
1.0
080
60
20 40
100 120 140 160 180 200
TEMPERATURE TRIP THRESHOLD ERROR
vs. SERIES RESISTANCE
SERIES RESISTANCE (
Ω)
3.0
4.0
3.5
4.5
5.0
5.5
TEMPERATURE TRIP THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-1.8
-0.4
0
-0.2
0.2
0.4
-1.4
-1.6
-1.0
-1.2
-0.8
-0.6
Typical Operating Characteristics
(VDD = +3.3V, CS = 2200pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com