Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1651G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # US1651G-S08-R
Description  PRIMARY-SIDE REGULATION PWM POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US1651G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  US1651G-S08-R Datasheet HTML 1Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 2Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 3Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 4Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 5Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 6Page - Unisonic Technologies US1651G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
US1651
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R129-005.a
OPERATION DESCRIPTION (Cont.)
Adjustable Drive Capability
The internal power MOSFET in UTC US1651 is driven by a dedicated gate driver for power switch control. Too
weak the gate drive strength results in higher conduction and switch loss of MOSFET while too strong gate drive
compromises EMI. A good tradeoff is achieved through the built-in totem pole gate design with right output strength
control. The gate drive strength can be adjusted externally by a resistor connected between VDD and VDDG, The low
idle loss and good EMI system design is possible with this dedicated control scheme.
Protection Control
Good power supply system reliability is achieved with its comprehensive protection features including VDD
over-voltage protection, VDD Clamp, GATE Clamp, Power on soft start, Cycle-by-cycle current limiting, short circuit
protection, leading edge blanking, OTP and UVLO, etc.
VDD is supplied by transformer auxiliary winding output. The output of UTC US1651 is shutdown when VDD drops
below VTH(OFF) and the power converter enters power on start-up sequence thereafter.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com