Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6830 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6830
Description  Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6830 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6830 Datasheet HTML 4Page - Maxim Integrated Products MAX6830 Datasheet HTML 5Page - Maxim Integrated Products MAX6830 Datasheet HTML 6Page - Maxim Integrated Products MAX6830 Datasheet HTML 7Page - Maxim Integrated Products MAX6830 Datasheet HTML 8Page - Maxim Integrated Products MAX6830 Datasheet HTML 9Page - Maxim Integrated Products MAX6830 Datasheet HTML 10Page - Maxim Integrated Products MAX6830 Datasheet HTML 11Page - Maxim Integrated Products MAX6830 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Dual Ultra-Low-Voltage SOT23 µP Supervisors
with Manual Reset and Watchdog Timer
______________________________________________________________________________________
11
Typical Operating Circuit
MAX6829
MAX6830
MAX6831
µP
VCC
VCC
VCC2
VCC2
GND
MANUAL
RESET
RESET
I/O
CORE
SUPPLY
I/O
SUPPLY
RESET
MR
WDI
Chip Information
TRANSISTOR COUNT: 750
PROCESS TECHNOLOGY: BiCMOS
Standard Versions
Table* (continued)
MAX6829/MAX6830/MAX6831
VCC
VCC2
3.3V
2.5V
1.8V
—
TZ
—
—
2.5V
SV
ZW
—
1.8V
SH
YH
WI
1.5V
SF
YG
VF
1.2V
SD
YD
VD
0.9V
Threshold Suffix Guide
VCC THRESHOLD
RESET THRESHOLD (V)
VCC2 THRESHOLD
RESET THRESHOLD (V)
L
4.63
Z
2.313
M
4.38
Y
2.188
T
3.08
W
1.665
S
2.93
V
1.575
R
2.63
I
1.388
Z
2.32
H
1.313
Y
2.19
G
1.110
W
1.67
F
1.050
E
0.833
V
1.58
D
0.788
Selector Guide
FUNCTION
ACTIVE-LOW
RESET
ACTIVE-HIGH
RESET
OPEN-DRAIN
RESET
WATCHDOG
INPUT
MANUAL
RESET INPUT
FIXED VCC2
MONITOR
ADJUSTABLE
RESET
INPUT
MAX6826
✔
—
—
✔
✔
—
✔
MAX6827
—
✔
—
✔
✔
—
✔
MAX6828
—
—
✔
✔
✔
—
✔
MAX6829
✔
—
—
✔
✔
✔
—
MAX6830
—
✔
—
✔
✔
✔
—
MAX6831
—
—
✔
✔
✔
✔
—
*Samples are typically available for standard versions only. For
the MAX6829/MAX6830/MAX6831, standard versions require a
2.5k minimum order increment, while nonstandard versions
require a 10k minimum order increment and are not typically
available in samples. Contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com