Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6950EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6950EEE
Description  Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6950EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6950EEE Datasheet HTML 9Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 10Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 11Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 12Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 13Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 14Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 15Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 16Page - Maxim Integrated Products MAX6950EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Serially Interfaced, +2.7V to +5.5V,
5- and 8-Digit LED Display Drivers
______________________________________________________________________________________
13
Figure 4. Multiplex and Intensity Timing Diagram
200
µs TIME SLOT
DIGIT 0
200
µs TIME SLOT
DIGIT 1
200
µs TIME SLOT
DIGIT 2
200
µs TIME SLOT
DIGIT 3
200
µs TIME SLOT
DIGIT 4
200
µs TIME SLOT
DIGIT 5
200
µs TIME SLOT
DIGIT 6
200
µs TIME SLOT
DIGIT 7
200
µs TIME SLOT
DIGIT 0
ONE COMPLETE 1.6ms MULTIPLEX CYCLE AROUND 8 DIGITS
DIGIT 0's 200
µs MULTIPLEX TIME SLOT
START OF NEXT
CYCLE
LOW
LOW
HIGH-Z
HIGH-Z
HIGH-Z
HIGH-Z
CURRENT SOURCE ENABLED
1/16TH
(MIN ON)
ANODE
MIN ON
2/16TH
LOW
HIGH-Z
3/16TH
LOW
HIGH-Z
13/16TH
LOW
HIGH-Z
14/16TH
LOW
HIGH-Z
15/16TH
LOW
HIGH-Z
HIGH-Z
HIGH-Z
16/16TH
MAX ON
MINIMUM 12.5
µs INTERDIGIT BLANKING INTERVAL
CURRENT SOURCE ENABLED
HIGH-Z
HIGH-Z
ANODE
MAX ON
ANODE (UNLIT)
DIGIT CATHODE
DRIVER INTENSITY
SETTINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com