Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6952EPL Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6952EPL
Description  4-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 .7 Matrix LED Display Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6952EPL Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6952EPL Datasheet HTML 13Page - Maxim Integrated Products MAX6952EPL Datasheet HTML 14Page - Maxim Integrated Products MAX6952EPL Datasheet HTML 15Page - Maxim Integrated Products MAX6952EPL Datasheet HTML 16Page - Maxim Integrated Products MAX6952EPL Datasheet HTML 17Page - Maxim Integrated Products MAX6952EPL Datasheet HTML 18Page - Maxim Integrated Products MAX6952EPL Datasheet HTML 19Page - Maxim Integrated Products MAX6952EPL Datasheet HTML 20Page - Maxim Integrated Products MAX6952EPL Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
4-Wire Interfaced, 2.7V to 5.5V,
4-Digit 5 ✕ 7 Matrix LED Display Driver
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
21 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2002 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
PACKAGE OUTLINE, 36L SSOP, 0.80 MM PITCH
1
1
21-0040
E
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
FRONT VIEW
MAX
0.011
0.104
0.017
0.299
0.013
INCHES
0.291
0.009
E
C
DIM
0.012
0.004
B
A1
MIN
0.096
A
0.23
7.40
7.60
0.32
MILLIMETERS
0.10
0.30
2.44
MIN
0.44
0.29
MAX
2.65
0.040
0.020
L
0.51
1.02
H
0.414
0.398
10.11
10.51
e
0.0315 BSC
0.80 BSC
D
0.612
0.598
15.20
15.55
H
E
A1
A
D
e
B
0-8
L
C
TOP VIEW
SIDE VIEW
1
36
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com