Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX688 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX688
Description  High-Accuracy, Low-Dropout Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX688 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX688 Datasheet HTML 1Page - Maxim Integrated Products MAX688 Datasheet HTML 2Page - Maxim Integrated Products MAX688 Datasheet HTML 3Page - Maxim Integrated Products MAX688 Datasheet HTML 4Page - Maxim Integrated Products MAX688 Datasheet HTML 5Page - Maxim Integrated Products MAX688 Datasheet HTML 6Page - Maxim Integrated Products MAX688 Datasheet HTML 7Page - Maxim Integrated Products MAX688 Datasheet HTML 8Page - Maxim Integrated Products MAX688 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Accuracy, Low-Dropout
Linear Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3.8V, SHDN = VIN (MAX688/MAX689), RB = 0Ω, C1 = 2.2µF, C2 = 10µF, C3 = 10nF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Input Supply Voltage IN to GND ............................................12V
Terminal Voltages to GND
PFO (MAX687) ........................................-0.3V to VOUT + 0.3V
PFO (MAX688/MAX689) ......................................-0.3V to 12V
All Remaining Pins .....................................-0.3V to VIN + 0.3V
PFO Sink Current ...............................................................10mA
PFO Source Current (MAX687)...........................................10mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.1mW/°C above +70°C) ......................330mW
Operating Temperature Ranges
MAX68_C_A .......................................................0°C to +70°C
MAX68_E_A ....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX687/MAX688
(Note 1)
VBASE = VIN - 1V
PNP = FZT749, ILOAD = 100mA (Note 4)
VIN = 3.8V,
PNP = FZT749,
no load
(Note 3)
1µA
≤ IBASE ≤ 10mA
RB is connected from BASE to BLIM (Ω),
RB = 0Ω to 100Ω
CONDITIONS
µF
10
C2
Load Capacitance
%
2
Start-Up Overshoot
µs
300
Start-Up Time
mA
70
100
130
RB + 5Ω RB + 5Ω RB + 5Ω
Base-Current Limit
V
3.2
3.3
3.4
VOUT
Output Voltage
V
2.7
11.0
VIN
Supply Voltage
mA
10
20
40
IBASE
BASE Sink Current
< 0.02
1
11
25
µA
150
250
IGND
Supply Current
3.13
3.3
3.47
mV
40
VIN - VOUT
Dropout Voltage (Note 2)
mV/V
0.4
1.4
Line Regulation
mV
45
60
Load Regulation
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = 3.8V, IBASE = 1mA
3.8V
≤ VIN ≤ 11.0V,
1µA
≤ IBASE ≤ 10mA
PNP = FZT749, ILOAD = 200mA, C2 = 20µF
3.8V
≤ VIN ≤ 11.0V,
IBASE = 1mA
MAX687/MAX688
MAX689
2.9
3.0
3.1
2.85
3.0
3.15
VIN = 3.5V, IBASE = 1mA
3.5V
≤ VIN ≤ 11.0V,
1µA
≤ IBASE ≤ 10mA
MAX689
3.5V
≤ VIN ≤ 11.0V,
IBASE = 1mA
0.4
1.4
On
Standby,
MAX688/MAX689
Shutdown
LINEAR REGULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com