Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX710C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX710C/D
Description  3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX710C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX710C/D Datasheet HTML 1Page - Maxim Integrated Products MAX710C/D Datasheet HTML 2Page - Maxim Integrated Products MAX710C/D Datasheet HTML 3Page - Maxim Integrated Products MAX710C/D Datasheet HTML 4Page - Maxim Integrated Products MAX710C/D Datasheet HTML 5Page - Maxim Integrated Products MAX710C/D Datasheet HTML 6Page - Maxim Integrated Products MAX710C/D Datasheet HTML 7Page - Maxim Integrated Products MAX710C/D Datasheet HTML 8Page - Maxim Integrated Products MAX710C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
3.3V/5V or Adjustable,
Step-Up/Down DC-DC Converters
4
_______________________________________________________________________________________
90
50
0.1
10
1000
1
100
EFFICIENCY vs. LOAD CURRENT—
HIGH-EFFICIENCY AND LOW-NOISE MODES
(VOUT = 5V)
60
LOAD CURRENT (mA)
70
80
VOUT = 5V
VIN = 2.5V
N/E = GND
N/E = PS
ILIM = 0.8A
ILIM = 1.5A
60
10
0.01
10
1
1000
0.1
100
LINEAR-REGULATOR POWER-SUPPLY
REJECTION RATIO vs. FREQUENCY
20
FREQUENCY (kHz)
30
40
50
55
15
25
35
45
90
50
0.1
10
1000
1
100
EFFICIENCY vs. LOAD CURRENT—
HIGH-EFFICIENCY AND LOW-NOISE MODES
(VOUT = 3.3V)
60
LOAD CURRENT (mA)
70
80
VOUT = 3.3V
VIN = 2.5V
ILIM = 0.8A
ILIM = 0.8A
ILIM = 1.5A
LOW-NOISE MODE
HIGH-EFFICIENCY MODE
ILIM = 1.5A
0
200
600
800
400
1200
1400
1000
1600
0
4
2
6
8
10
12
NO-LOAD BATTERY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
N/E = GND
ILIM = GND (1.5A)
ILIM = PS (0.8A)
0
0.2
0.6
0.4
0.8
1.0
1
3
4
5
2
6
8
7
9
10 11
SHUTDOWN CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1000
10
1.0
1.4
2.2
2.6
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
100
INPUT VOLTAGE (V)
1.8
1.2
2.0
1.6
2.4
ILIM = GND
ILIM = PS
N/E = GND
N/E = PS
90
50
0.1
10
1000
1
100
EFFICIENCY vs. OUTPUT CURRENT—
HIGH-EFFICIENCY MODE
(VOUT = 5V)
60
OUTPUT CURRENT (mA)
70
80
VIN = 1V
VOUT = 5V
N/E = GND
VIN = 3.6V
VIN = 2.5V
VIN = 5.6V
VIN = 1.8V
90
50
0.1
10
1000
1
100
EFFICIENCY vs. OUTPUT CURRENT—
HIGH-EFFICIENCY MODE
(VOUT = 3.3V)
60
OUTPUT CURRENT (mA)
70
80
VOUT = 3.3V
N/E = GND
VIN = 2.5V
VIN = 1V
VIN = 1.8V
0
0.6
0.4
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
100
50
150
200
250
MINIMUM START-UP INPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
VOUT = 5V
N/E = PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com